Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA543SA Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA543SA Datasheet HTML 3Page - STMicroelectronics STA543SA Datasheet HTML 4Page - STMicroelectronics STA543SA Datasheet HTML 5Page - STMicroelectronics STA543SA Datasheet HTML 6Page - STMicroelectronics STA543SA Datasheet HTML 7Page - STMicroelectronics STA543SA Datasheet HTML 8Page - STMicroelectronics STA543SA Datasheet HTML 9Page - STMicroelectronics STA543SA Datasheet HTML 10Page - STMicroelectronics STA543SA Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
STA543SA
2 Electrical specifications
CD00061065
7/23
Note:
(*) DIAG Pulled-up to 5V with 10 k
Ω; RL = 4Ω
(**) For channel 3: if used the input pin 16 (with 100nF decoupling) instead of pin 15 the voltage
gain is always max. and it is independent from Volume Control.
Gv
Maximum Voltage Gain Internally
Fixed
Single Ended, Vol Ctrl (Pins 6
and 7) > 4.5V
Bridge, Vol Ctrl (pin 13) > 4.5V
(**)
19
25
20
26
21
27
dB
dB
AMin Vol Attenuation at minimum volume
Vol Ctrl < 0.5V
80
dB
Gv
Voltage Gain Match
Single Ended
0.5
dB
EN
Total Output Noise
f = 20 to 22 kHz
(play, max. volume)
Single Ended
Bridge
500
600
µV
f = 20 to 22 kHz
(play, max. attenuation)
Single Ended
Bridge
250
500
µV
SVR
Supply Voltage Rejection
Rg = 0; f = 300Hz
50
dB
ASB
Stand-by Attenuation
80
90
dB
ISB
ST-BY Current Consumption
VST-BY = 0 to 1.5V
100
µA
VSB
ST-BY In Threshold Voltage
1.5
V
VSB
ST-BY Out Threshold Voltage
3.5
V
Istby
ST-BY Pin Current
Play Mode Vstby = 5V
50
µA
Max Driving Current Under Fault
5
mA
Icd off
Clipping Detector Output
Average Current
d = 1% (*)
90
µA
Icd on
Clipping Detector Output
Average Current
d = 5% (*)
160
µA
Vdiag
Voltage Saturation on DIAG
Sink Current at DIAG = 1mA
0.7
V
TW
Thermal Warning
140
°C
TM
Thermal Muting
150
°C
TS
Thermal Shut-down
160
°C
Table 4.
Electrical characteristics (continued)
(Refer to the test circuit, VS = 15V; RL = 4Ω; f = 1kHz; Tamb = 25°C unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com