Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA543SA Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA543SA Datasheet HTML 15Page - STMicroelectronics STA543SA Datasheet HTML 16Page - STMicroelectronics STA543SA Datasheet HTML 17Page - STMicroelectronics STA543SA Datasheet HTML 18Page - STMicroelectronics STA543SA Datasheet HTML 19Page - STMicroelectronics STA543SA Datasheet HTML 20Page - STMicroelectronics STA543SA Datasheet HTML 21Page - STMicroelectronics STA543SA Datasheet HTML 22Page - STMicroelectronics STA543SA Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
STA543SA
5 General structure
CD00061065
19/23
Figure 14.
5.9
PCB-Layout Grounding (general rules)
The device has 2 distinct ground leads, P-GND (POWER GROUND) and S-GND (SIGNAL
GROUND) which are practically disconnected from each other at chip level. Proper operation
requires that P-GND and S-GND leads be connected together on the PCB-layout by means of
reasonably low-resistance tracks.
As for the PCB-ground configuration, a star-like arrangement whose center is represented by
the supply-filtering electrolytic capacitor ground is highly advisable. In such context, at least 2
separate paths have to be provided, one for P-GND and one for S-GND.
The correct ground assignments are as follows:
STANDBY CAPACITOR, pin 9 (or any other standby driving networks): on S-GND
SVR CAPACITOR (pin 8): on S-GND and to be placed as close as possible to the
device.
INPUT SIGNAL GROUND (from active/passive signal processor stages): on S-GND.
SUPPLY FILTERING CAPACITORS (pins 3,17): on P-GND. The (-) terminal of the
electrolytic capacitor has to be directly tied to the battery (-) line and this should
represent the starting point for all the ground paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com