Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA543SA Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA543SA Datasheet HTML 7Page - STMicroelectronics STA543SA Datasheet HTML 8Page - STMicroelectronics STA543SA Datasheet HTML 9Page - STMicroelectronics STA543SA Datasheet HTML 10Page - STMicroelectronics STA543SA Datasheet HTML 11Page - STMicroelectronics STA543SA Datasheet HTML 12Page - STMicroelectronics STA543SA Datasheet HTML 13Page - STMicroelectronics STA543SA Datasheet HTML 14Page - STMicroelectronics STA543SA Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
STA543SA
4 Evaluation Board
CD00061065
11/23
4
Evaluation Board
In addition to the Test Board shown in
Figure 3. intended also to evaluate the STA540SA
Amplifier, it is possible to order the dedicated STA543SA evaluation board of
Figure 6.
The PCB layout (single layer) is shown in
Figure 7.
4.1
Crcuit description
With this board it is possible to amplify three analog signals Left, Right, Subwoofer coming
from separated sources or to generate the BASS part to be sent to the Subwoofer via a
passive crossover network.
All the three channels have a Linear DC volume Control.
Figure 6.
Evaluation Board Schematic
+5V
+5V
+5V
+5V
+5V
100K
VOL.
CONTR. 1
VOL.
CONTR. 2
VOL.
CONTR. 3
P1
100K
P1
100K
C7
100nF
C7
100nF
R7
N.M.
R7
N.M.
R4
300K
R4
300K
OUTR
OUTR
SGND
SGND
OUT3+
OUT3+
C6
100nF
C6
100nF
R5
300K
R5
300K
R9
10K
R9
10K
VS
VS
C14
47µF 25V
C14
47µF 25V
C13
1µF
C13
1µF
R1
10K
R1
10K
C10
0.47µF
C10
0.47µF
PGND
PGND
+ C3
1000µF 25V
+ C3
1000µF 25V
C8
0.22µF
C8
0.22µF
C5
1000µF 25V
C5
1000µF 25V
R2
N.M.
R2
N.M.
C4
0.22µF
C4
0.22µF
C11
N.M.
C11
N.M.
OUTL
OUTL
SGND
SGND
GND
GND
R3
N.M.
R3
N.M.
+5V
+5V
OUT1
1
OUT2
2
IN1
4
IN2
5
VOL1
6
VOL2
7
SVR
8
VOL3
13
VOL_OUT
14
IN3
15
AMP_IN
16
OUT3-
18
OUT3+
19
U1
U1
+ C1
10µF 25V
+ C1
10µF 25V
IN1(L)
IN1(L)
PGND
PGND
C9
1000µF 25V
C9
1000µF 25V
IN2(R)
IN2(R)
C12
100nF
C12
100nF
IN3(SW)
IN3(SW)
R6
N.M.
R6
N.M.
P2
100K
P2
100K
OUT3-
OUT3-
ST-BY
ST-BY
C2
100nF
C2
100nF
R8
300K
R8
300K
DIAG
DIAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com