Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA543SA Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA543SA Datasheet HTML 15Page - STMicroelectronics STA543SA Datasheet HTML 16Page - STMicroelectronics STA543SA Datasheet HTML 17Page - STMicroelectronics STA543SA Datasheet HTML 18Page - STMicroelectronics STA543SA Datasheet HTML 19Page - STMicroelectronics STA543SA Datasheet HTML 20Page - STMicroelectronics STA543SA Datasheet HTML 21Page - STMicroelectronics STA543SA Datasheet HTML 22Page - STMicroelectronics STA543SA Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
6 Thermal Information
STA543SA
20/23
CD00061065
6
Thermal Information
In order to avoid the thermal protection intervention that is placed at Tj=150°C (Thermal
Muting) or Tj=160°C (Thermal Shut-down), it is important the Heat Sinker RTH (°C/W)
dimensioning.
The parameters that influence the dimensioning are:
Maximum dissipated power for the device (Pd max)
Max.Thermal resistance Junction to case (RTHj-c)
Max. Ambient temperature Tamb. Max
There is also an additional term that depends on the Iq (quiescent current).
6.1
Example (A): 2 channels Single Ended + 1Ch (BTL)
VCC= 14.4V, Rload = 2x 4Ω (SE) + 1x 4Ω (BTL)
Pout = 2 x 7W + 1 x 24W
(Heat sink) RTHc-a =
°C/W
NOTE: The values found gives an heatsinker that is dimensioned to sustain the max. dissipated
power, but as explained in the Application Note (AN1965) the heatsinker can be smaller when
we consider the real application where a musical program is used.
If we consider the so called "Average Listening Dissipated Power" concept we obtain a value
that is about 40% less respect the Pdmax (see AN1965 for reference).
So in the examples (A) and we will obtain the value for the Average Listening Dissipated Power
that is respectively:
-Example (A) : 15.76 W - 40% = 9.45W that gives RTHc-a = 8.5°C/W
In
Figure 15. is shown the Power Derating curve for the device
Figure 15. Power Derating Curve
P
dm ax
2
Vcc
2
2
π
2
R1
------------------
2Vcc
2
π
2
R1
-----------------
+
22.62
10.5
+
15.76W
==
=
150
T
am bmax
P
dm ax
----------------------------------------
R
TH j
c
150
50
15.76
----------------------
2
4.3
==
0
5
10
15
20
25
30
0
20
40
60
80
100
120
140
160
1) Infinite
2) 3.5°C/W
3) 5C/W
4) 7C/W
5) 10C/W
4
1
3
2
Pd(W)
Tamb (°C)
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com