Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA543SA Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Datasheet(HTML) 1 Page - STMicroelectronics

  STA543SA Datasheet HTML 1Page - STMicroelectronics STA543SA Datasheet HTML 2Page - STMicroelectronics STA543SA Datasheet HTML 3Page - STMicroelectronics STA543SA Datasheet HTML 4Page - STMicroelectronics STA543SA Datasheet HTML 5Page - STMicroelectronics STA543SA Datasheet HTML 6Page - STMicroelectronics STA543SA Datasheet HTML 7Page - STMicroelectronics STA543SA Datasheet HTML 8Page - STMicroelectronics STA543SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
Rev 2
July 2005
CD00061065
1/23
23
STA543SA
24W x 1 + 7W x 2
Triple Amplifier with DC Volume Control
Features
OUTPUT POWER CAPABILITY
24W x 1 + 7W x 2 @ VCC = 15V, RL = 4Ω,
THD = 10%
LINEAR DC VOLUME CONTROL FOR EACH
SINGLE CHANNEL
MINIMUM EXTERNAL COMPONENTS
COUNT:
– NO BOOTSTRAP CAPACITORS
– NO BOUCHEROT CELLS
– INTERNALLY FIXED GAIN (20dB SE,
26dB BTL)
ST-BY FUNCTION (CMOS COMPATIBLE)
NO AUDIBLE POP DURING ST-BY
OPERATIONS
DIAGNOSTIC FACILITIES
–CLIP DETECTOR
–OUT TO GND SHORT
– OUT TO VS SHORT
– SOFT SHORT AT TURN-ON
– THERMAL SHUTDOWN PROXIMITY
Protections
OUPUT AC/DC SHORT CIRCUIT
SOFT SHORT AT TURN-ON
OVERRATING CHIP TEMPERATURE WITH
SOFT THERMAL LIMITER
VERY INDUCTIVE LOADS
FORTUITOUS OPEN GND
ESD
Description
The device is a class AB Audio amplifier
assembled in the Clipwatt19 package; it is
designed for high quality sound application.
The STA543SA is a 3-channels audio amplifier
with DC volume control dedicated for each single
channel. It is a device suitable for 2.1 solution
thank to its output configuration with two single
ended channels and one bridge. The Short Circuit
Protection, the
Thermal Protection and
the
Diagnostics Functions are integrated in the
device.
Order codes
Clipwatt 19
Part number
Temp range,
°C
Package
Packing
STA543SA
0 to 70
Clipwatt 19
Tube
www.st.com


Similar Part No. - STA543SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
4 x 13 W dual/quad power amplifier
21-Jan-2008
STA540 STMICROELECTRONICS-STA540 Datasheet
342Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
STA540SA STMICROELECTRONICS-STA540SA Datasheet
829Kb / 30P
4 x 10-watt dual/quad power amplifier
December 2010
STA540SAN STMICROELECTRONICS-STA540SAN Datasheet
698Kb / 26P
4 x 10-watt dual/quad power amplifier
16-Dec-2010
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
More results

Similar Description - STA543SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7494 STMICROELECTRONICS-TDA7494 Datasheet
238Kb / 12P
10W AMPLIFIER WITH DC VOLUME CONTROL
Feb-1997
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Apr-1998
TDA7496L STMICROELECTRONICS-TDA7496L Datasheet
162Kb / 10P
2W2W AMPLIFIER WITH DC VOLUME CONTROL
Apr-1998
logo
Wuxi Youda electronics ...
YD7496L YOUDA-YD7496L Datasheet
85Kb / 5P
2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
KODENSHI_AUK CORP.
KKA7496L KODENSHI-KKA7496L Datasheet
526Kb / 8P
2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
Sep-2003
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L_1 Datasheet
285Kb / 12P
2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Bookly Micro electronic
TDA7496L BOOKLY-TDA7496L Datasheet
181Kb / 10P
2 AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com