Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA543SA Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA543SA Datasheet HTML 5Page - STMicroelectronics STA543SA Datasheet HTML 6Page - STMicroelectronics STA543SA Datasheet HTML 7Page - STMicroelectronics STA543SA Datasheet HTML 8Page - STMicroelectronics STA543SA Datasheet HTML 9Page - STMicroelectronics STA543SA Datasheet HTML 10Page - STMicroelectronics STA543SA Datasheet HTML 11Page - STMicroelectronics STA543SA Datasheet HTML 12Page - STMicroelectronics STA543SA Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
STA543SA
3 Test board and Layout
CD00061065
9/23
Figure 5.
Test circuit
+5V
+5V
+5V
+5V
VOL.
CONTR.1
VOL.
CONTR.2
VOL.
CONTR.3
ON
OFF
VS
P3
50K
IC1
STA540SA - STA543SA
OUT1
1
IN2
5
VOL2
7
VOL3
13
IN3
15
OUT3+
19
OUT2
2
IN1
4
VOL1
6
SVR
8
VOL_OUT
14
AMP_IN
16
OUT3-
18
IN1
C8 47µF 25V
JP2
ST-BY
1
2
3
PGND
OUT4 (OUT3-)
OUT1
R2
270K
C5 0.22µF
P1
50K
JP5
C7 0.22µF
+ C11
1000µF 25V
JP3
PGND
C15
2200µF 25V
C4
0.1µF
IN3
+ C9
10µF 25V
C3 0.22µF
R1
270K
C10
0.1µF
P2
50K
JP6
JP1
C12
2200µF 25V
OUT2
R3
270K
R4
10K
IN2
SGND
OUT3 (OUT3+)
IN4
C1 0.22µF
C6
0.1µF
C13
2200µF 25V
C2
0.1µF
PGND
JP4
DIAG
+5V
C14
2200µF 25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com