Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA543SA Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA543SA
Description  Triple Amplifier with DC Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA543SA Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA543SA Datasheet HTML 10Page - STMicroelectronics STA543SA Datasheet HTML 11Page - STMicroelectronics STA543SA Datasheet HTML 12Page - STMicroelectronics STA543SA Datasheet HTML 13Page - STMicroelectronics STA543SA Datasheet HTML 14Page - STMicroelectronics STA543SA Datasheet HTML 15Page - STMicroelectronics STA543SA Datasheet HTML 16Page - STMicroelectronics STA543SA Datasheet HTML 17Page - STMicroelectronics STA543SA Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
4 Evaluation Board
STA543SA
14/23
CD00061065
Figure 8.
Frequency response
-50
+20
-45
-40
-35
-30
-25
-20
-15
-10
-5
+0
+5
+10
+15
d
B
r
A
10
20k
20
50
100
200
500
1k
2k
5k
10k
Hz
R3=R6= 4k7
C11= 220nF
C5=C9= 100uF
Rl= 8ohm
L / R
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com