Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 117 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 117 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 113Page - Texas Instruments ADC3908CSSS Datasheet HTML 114Page - Texas Instruments ADC3908CSSS Datasheet HTML 115Page - Texas Instruments ADC3908CSSS Datasheet HTML 116Page - Texas Instruments ADC3908CSSS Datasheet HTML 117Page - Texas Instruments ADC3908CSSS Datasheet HTML 118Page - Texas Instruments ADC3908CSSS Datasheet HTML 119Page - Texas Instruments ADC3908CSSS Datasheet HTML 120Page - Texas Instruments ADC3908CSSS Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 131 page
background image
7.2.3 Application Curves
The following FFT plots show the performance of THS4541 driving the ADC3910D125 operated at 125MSPS
with a full-scale input at -1dBFS.
Input Frequency (MHz)
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
AIN = - 1dBFS, SNR = 60dBFS, SFDR = 56dBFS
Figure 7-2. 5MHz FFT (THS4541 FDA)
Input Frequency (MHz)
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
AIN = - 1dBFS, SNR = 60dBFS, SFDR = 52dBFS
Figure 7-3. 10MHz FFT (THS4541 FDA)
7.3 Initialization Set Up
After power-up, the internal registers must be initialized to their default values through a hardware reset by
applying a high pulse on the RESET pin.
1. Apply AVDD and IOVDD (no specific sequence required). After AVDD is applied the internal band gap
reference powers up and settle out in approximately 2ms.
2. Apply hardware reset. After hardware reset is released, the default registers are loaded from internal fuses
and the internal power up capacitor calibration is initiated. The calibration takes approximately 200000 clock
cycles.
3. Begin programming using SPI interface.
7.3.1 Register Initialization During Operation
If required, the serial interface registers can be cleared and reset to default settings during operation either:
• Through a hardware reset or
• By applying a software reset. When using the serial interface, set the RESET bit (register address 0x00) high.
This setting initializes the internal registers to the default values, and then self-resets the RESET bit low. In
this case, the RESET pin is kept low.
After hardware or software reset the wait time is also approximately 200000 clock cycles before the SPI registers
can be programmed.
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
117
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com