Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3908CSSS Datasheet(PDF) 119 Page - Texas Instruments

Part # ADC3908CSSS
Description  ADC3910Dx and ADC3910Sx 10-bit, 25 to 125MSPS Low Latency, Low Power, Small, Single and Dual Channel ADC with Integrated Input Buffers
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3908CSSS Datasheet(HTML) 119 Page - Texas Instruments

Back Button ADC3908CSSS Datasheet HTML 115Page - Texas Instruments ADC3908CSSS Datasheet HTML 116Page - Texas Instruments ADC3908CSSS Datasheet HTML 117Page - Texas Instruments ADC3908CSSS Datasheet HTML 118Page - Texas Instruments ADC3908CSSS Datasheet HTML 119Page - Texas Instruments ADC3908CSSS Datasheet HTML 120Page - Texas Instruments ADC3908CSSS Datasheet HTML 121Page - Texas Instruments ADC3908CSSS Datasheet HTML 122Page - Texas Instruments ADC3908CSSS Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 131 page
background image
DC/DC
Regulator
5V-12V
LDO
GND
GND
AVDD
IOVDD
FB
FB
FB
47uF
47uF
10uF 10uF
0.1uF
10uF 10uF
0.1uF
2.1V
1.8V
FB = Ferrite bead filter
GND
GND
Figure 7-5. Example: LDO Linear Regulator Approach
DC/DC
Regulator
5V-12V
GND
GND
AVDD
IOVDD
EMI FILTER
FB
FB
10uF 10uF
0.1uF
10uF 10uF
0.1uF
1.8V
GND
10uF 10uF 10uF
Ripple filter notch frequency to match switching frequency of the DC/DC regulator
FB = Ferrite bead filter
Figure 7-6. Example: Switcher-Only Approach
7.5 Layout
7.5.1 Layout Guidelines
There are several critical signals which require specific care during board design:
1. Analog input and clock signals
• Traces should be as short as possible and vias should be avoided where possible to minimize impedance
discontinuities.
2. Digital output interface
• Traces should be as short as possible to reduce capacitive load seen by the CMOS outputs.
• Series resistance should be used to reduce instantaneous current demand and improve signal integrity.
3. Power and ground connections
• Provide low resistance connection paths to all power and ground pins.
• Use power and ground planes instead of traces.
• Avoid narrow, isolated paths which increase the connection resistance.
• Use a signal/ground/power circuit board stackup to maximize coupling between the ground and power
plane.
www.ti.com
ADC3910D025, ADC3910D065, ADC3910D125
ADC3910S025, ADC3910S065, ADC3910S125
SBASAD1A – DECEMBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
119
Product Folder Links: ADC3910D025 ADC3910D065 ADC3910D125 ADC3910S025 ADC3910S065 ADC3910S125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com