Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 129 page
background image
Data Sheet
ADIN2111
SWITCH SPI
analog.com
Rev. A | 42 of 129
The ADIN2111 supports the following OPEN Alliance SPI capabili-
ties. See the supported capabilities register (CAPABILITY) for more
details:
►
Transmit FCS validation
►
Cut through
►
IEEE 1588 time stamp capture on transmit and receive
►
Minimum supported chunk size is 8 bytes
The OPEN Alliance SPI protocol defines two types of transactions:
data transactions for Ethernet frame transfers, and control transac-
tions for register read/write operations.
A chunk is the basic element of data transactions, and it is com-
posed of four bytes of overhead plus the configured payload size.
Data transactions consist of an equal number of transmit and
receive chunks. Chunks in both transmit and receive directions
may or may not contain valid frame data independent from each
other, allowing for the simultaneous transmission and reception of
different length frames. The data header of the chunk in transmit
frames, and the data footer in receive frames, indicate which bytes
of the payload contain valid frame data. For full information on the
OPEN Alliance SPI protocol used by the ADIN2111, refer to OPEN
Alliance 10BASE-T1x MACPHY serial interface Version 1.0.
Note that CS must be deasserted between data transactions and
control transactions, as shown in Figure 24.
CHUNK 1
MULTIPLE CHUNKS WITHIN
SPI DATA TRANSACTION
MCU HW/FW
TURN AROUND
MCU HW/FW
TURN AROUND
SPI CONTROL TRANSACTION
CHUNK 2
---
---
CHUNK x
CONTROL
READ
CONTROL
READ
CHUNK 1
MOSI
SCK
CS
MISO
CHUNK 2
---
---
CHUNK x
CONTROL
READ
CONTROL
READ
OR
OR
Figure 24. Ethernet Data Frame Transfer Followed by Control Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com