Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADIN2111BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 129 page
background image
Data Sheet
ADIN2111
Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
10BASE-T1L IEEE Standard 802.3cg-2019 compliant
►
Cable reach up to 1700 m
►
Integrated switch with SPI
►
Supports OPEN Alliance 10BASE-T1x MACPHY SPI
►
Frame forwarding rules between ports and host
►
16 MAC address filters
►
High and low priority queues with 28 kB buffer
►
Cut through or store and forward operation
►
IEEE 1588 timestamp support
►
Statistic counters
►
Low power consumption: 77 mW (dual supply, 1.0 V p-p)
►
Supports 1.0 V p-p and 2.4 V p-p transmit levels
►
2-pin MDI (receive, transmit)
►
Internal termination resistors
►
Autonegotiation capability
►
Diagnostics
►
Cable fault detection with TDR
►
Link quality indicator with MSE
►
Link diagnostics and IEEE test modes
►
25 MHz crystal or external clock input
►
Single or dual supply with 1.8 V or 3.3 V operation
►
Electromagnetic compatibility (EMC) test standards
►
IEC 61000-4-4 electrical fast transient (±4 kV)
►
IEC 61000-4-2 ESD (±4 kV contact discharge)
►
IEC 61000-4-2 ESD (±8 kV air discharge)
►
IEC 61000-4-6 conducted immunity (10 V/m)
►
IEC 61000-4-5 surge (±4 kV)
►
IEC 61000-4-3 radiated immunity (Class A)
►
EN55032 radiated emissions (Class B)
►
Small package: 48-lead, 7 mm × 7 mm LFCSP
►
Temperature range
►
Industrial: −40°C to +85°C
►
Extended: −40°C to +105°C
APPLICATIONS
►
Building automation and fire safety
►
Factory automation
►
Condition monitoring and machine connectivity
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADIN2111 is a low power, 2-port 10BASE-T1L transceiver
designed for industrial Ethernet applications, and is compliant with
the IEEE® 802.3cg-2019™ Ethernet standard for long reach, 10
Mbps single pair Ethernet (SPE). Featuring an integrated media
access control (MAC) and a switch, the ADIN2111 enables direct
connectivity with a variety of controllers via a serial peripheral inter-
face (SPI). The switch (cut through or store and forward) supports
various routing configurations between the two Ethernet ports and
the SPI host port providing a flexible solution for line, daisy-chain,
or ring network topologies.
The ADIN2111 can be used in unmanaged configurations where the
device automatically forwards the traffic between the two Ethernet
ports.
The device integrates the switch, two Ethernet physical layer (PHY)
cores with a MAC interface and all the associated analog circuitry,
and input and output clock buffering. The device also includes
internal buffer queues, the SPI and subsystem registers, as well
as the control logic to manage the reset and clock control and
hardware pin configuration.
The ADIN2111 has an integrated voltage supply monitoring circuit
and power-on reset (POR) circuitry to improve system level robust-
ness. The 4-wire SPI for communication with the host can be
configured to OPEN Alliance SPI or generic SPI. Both modes
support optional data protection or cyclic redundancy check (CRC).
Analog Devices is in the process of updating documentation to provide terminology and language that is culturally appropriate. This is a process
with a wide scope and will be phased in as quickly as possible. Thank you for your patience.


Similar Part No. - ADIN2111BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIN2111BCPZ-R7 AD-ADIN2111BCPZ-R7 Datasheet
1Mb / 125P
Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
12/2021-Revision 0
More results

Similar Description - ADIN2111BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7388 VITESSE-VSC7388 Datasheet
432Kb / 2P
8-port Integrated Gigabit Ethernet Switch SoC with Copper PHYs
logo
Micrel Semiconductor
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Analog Devices
ADIN1100 AD-ADIN1100 Datasheet
696Kb / 50P
Robust, Industrial, Low Power 10BASE-T1L Ethernet PHY
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 104P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
10/2021-Revision 0
ADIN2111 AD-ADIN2111 Datasheet
1Mb / 125P
Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
12/2021-Revision 0
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com