Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 129 page
background image
Data Sheet
ADIN2111
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 13 of 129
All tests were performed using a 1000 m 10BASE-T1L cable between Port 1 and Port 2 and DVDD rails powered from the internal LDO
regulators. Figure 5 only shows measurements for the 1.0 V p-p transmit level because AVDD_H = 3.3 V is required for the 2.4 V p-p transmit
level.
Figure 5. Power vs. Temperature, Single Supply Configuration, AVDD_H =
AVDD_L = VDDIO = 1.8 V
–45
–13
19
51
83
115
–29
3
35
67
99
TX = 2.4V p-p
TX = 1.0V p-p
TEMPERATURE (ºC)
150
160
170
180
190
200
210
220
230
240
250
AVDD_H = AVDD_L = VDDIO = 3.3V
DVDD1_1P1 = DLDO1_1P1
DVDD2_1P1 = DLDO2_1P1
Figure 6. Power vs. Temperature, Single Supply Configuration, AVDD_H =
AVDD_L = VDDIO = 3.3 V
–45
–13
19
51
83
115
–29
3
35
67
99
TX = 2.4V p-p
TX = 1.0V p-p
TEMPERATURE (ºC)
150
160
170
180
190
200
210
220
230
240
250
AVDD_H = AVDD_L = VDDIO = 3.3V
DVDD1_1P1 = DLDO1_1P1
DVDD2_1P1 = DLDO2_1P1
VDDIO = 1.8V
Figure 7. Power vs. Temperature, Dual Supplies Configuration, AVDD_H =
AVDD_L = 3.3 V, VDDIO = 1.8 V
TEMPERATURE (ºC)
–45
–13
19
51
83
115
100
110
120
130
140
150
160
170
180
190
200
–29
3
35
67
99
TX = 1.0V p-p
TX = 2.4V p-p
AVDD_H = VDDIO = 3.3V
DVDD1_1P1 = DLDO1_1P1
DVDD2_1P1 = DLDO2_1P1
AVDD_L = 1.8V
Figure 8. Power vs. Temperature, Dual Supplies Configuration, AVDD_H =
VDDIO = 3.3 V, AVDD_L = 1.8 V
Figure 9. Power vs. Temperature, Dual Supplies Configuration, AVDD_H = 3.3
V, AVDD_L = VDDIO = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com