Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 61 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 129 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. A | 61 of 129
Table 52. Bit Descriptions for STATUS0 (Continued)
Bits
Bit Name
Description
Reset
Access
4
LOFE
Loss of Frame Error. When set, this bit indicates that the MACPHY detected an early deassertion of CS prior to
the expected end of a data chunk or command control transaction. Note that this bit field also asserts if CDPE
asserts.
0x0
R/W1C
3
RXBOE
Receive Buffer Overflow Error. When set, this bit indicates that the receive buffer (from the network) overflowed
and the receive frame data was lost.
0x0
R/W1C
2
TXBUE
Host Tx FIFO Under Run Error. This error can only assert when cut through from the host is enabled. The host
software ensures this bit never asserts by writing frame data to the MAC at a rate greater than 10 Mbps. If an
under run error occurs, transmit of the current packet stops.
0x0
R/W1C
1
TXBOE
Host Tx FIFO Overflow. The host software ensures this bit never asserts by checking the space available in
the Tx FIFO before writing to the Tx FIFO. If using the OPEN Alliance SPI Data protocol, the space in the Tx
FIFO is indicated in the TXC field of the Rx footer. If using the generic SPI protocol, the TX_SPACE register
indicates the remaining space in the Tx FIFO. If the host Tx FIFO overflows, the frame being written is dumped
and software can chose to resend the entire frame. Writes to the FIFO commence at the next SOF. There is
always room for more than one frame in the host Tx FIFO as it is 4 kB (or greater) in size. Therefore, a frame
currently being transmitted is not interrupted by an overflow on the write side of the FIFO.
0x0
R/W1C
0
TXPE
Transmit Protocol Error. When set, this bit indicates that a Tx data chunk protocol error occurred. Data chunk
received with DV = 1 but without a prior SV = 1. Data chunk received with SV = 1 but with no EV = 1 (repeated
SV = 1 received). When using the generic SPI protocol, this bit indicates that the previous frame was not fully
written. A write of the TX_FSIZE register was detected, but the MAC still expects further writes to the Tx register
related to the previous frame size written to the TX_FSIZE register.
0x0
R/W1C
Status Register 1
Address: 0x09, Reset: 0x00000000, Name: STATUS1
Table 53. Bit Descriptions for STATUS1
Bits
Bit Name
Description
Reset
Access
[31:25]
RESERVED
Reserved.
0x0
R/W1C
24
P2_TXFCSE
CRC Mismatch on a Tx Frame on Port 2.
0x0
R/W1C
23
P2_RX_IFG_ERR
Rx MAC Interframe Gap Error. If the IFG is too short, the frame is dropped on receive. The threshold
used for measuring the IFG on receive can be set in the P2_RX_IFG register.
0x0
R/W1C
22
P2_TTSCAC
Transmit Time Stamp Capture Available C.
0x0
R/W1C
21
P2_TTSCAB
Transmit Time Stamp Capture Available B.
0x0
R/W1C
20
P2_TTSCAA
Transmit Time Stamp Capture Available A.
0x0
R/W1C
19
P2_PHYINT
PHY Interrupt for Port 2. Host software must read the MDIO Interrupt Status registers (PHY_SUB-
SYS_IRQ_STATUS or CRSM_IRQ_STATUS) on PORT2 PHY to determine the source of the interrupt.
0x0
R
18
P2_RX_RDY_HI
Port 2 Rx Ready High Priority. Indicates that there is a high priority frame available on Port 2. See
P1_RX_RDY_HI. This field does not drive the interrupt pin. This field is only used with the generic SPI
protocol.
0x0
R
17
P2_RX_RDY
Port 2 Rx FIFO Contains Data. In store and forward mode, this field indicates that there is one or
more frames in Port 2 Rx FIFO. In cut through mode, this field indicates that the receive threshold
(RX_THRESH) is reached or the EOF byte of a frame is received. If there are frames in both the Rx high
and low priority FIFOs, the frame from the high priority FIFO is read first by default. This default operation
can be changed using the RX_LOW_PRI_1ST field. This field is only used with the generic SPI protocol.
0x0
R
[16:13]
RESERVED
Reserved.
0x0
R
12
TX_ECC_ERR
ECC Error on Reading the Frame Size from a Tx FIFO. An uncorrectable ECC error was detected on a
read of the size field from the Tx FIFO. The FIFO is automatically cleared and the frame associated with
the ECC error and any other frames in the Tx FIFO is lost/dropped.
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com