Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 129 page
background image
Data Sheet
ADIN2111
SWITCH SPI
analog.com
Rev. A | 51 of 129
To forward frames with this DA to the host, set the TO_HOST bit
field within the ADDR_FILT_UPRn register to 1. To apply this rule,
set APPLY2PORT1 or APPLY2PORT2 to 1, accordingly.
MAC addresses can be masked using the ADDR_MSK_x registers.
For example, to receive all the MAC addresses in the range
0x8000005A64xx, write:
►
0xFFFF to ADDR_MSK_UPR0
►
0XFFFFFF00 to ADDR_MSK_LWR0
Frames that do not match any of the 16 ADDR_FILT_x regis-
ters are dropped by default. The user can select to forward
packages from unknown DAs to either the other port or the
host with the bit fields P2_FWD_UNK2P1, P1_FWD_UNK2P2,
P2_FWD_UNK2HOST, and P1_FWD_UNK2HOST in the MAC con-
figuration register (CONFIG2). Figure 31 shows the forwarding
algorithm. Frames received with a bad CRC or with RX_ERR
asserted from the PHYs, as well as runt and jabber frames, are
dropped and counted.
FORWARD
THE FRAME
TO THE
OTHER
PORT
YES
NO
DA FOUND?
YES
NO
APPLYTOPORTx = THIS PORT?
NO
YES
TO HOST?
YES
NO
TO_OTHER_PORT?
NO
YES
TO_OTHER_PORT?
NO
YES
PX_FWD_UNK2HOST
NO
YES
PX_FWD_UNK2PX?
NO
YES
PX_FWD_UNK2Px?
FORWARD
THE FRAME
TO THE
HOST
FORWARD
THE FRAME
TO THE
OTHER
PORT AND
THE HOST
DISCARD THE FRAME
AND INCREMENT
COUNTER
(RX_DROP_FILT_CNT)
X: PORT NUMBER (1 OR 2)
Figure 31. Frame Forwarding Algorithm
Receive Priority Queues
Each of the ADIN2111 PHYs has two different FIFOs on receive: a
high priority FIFO and a low priority FIFO.
By default, the low priority FIFO is configured to 12 kB, and
the high priority FIFO is configured to 8 kB. The sizes of these
FIFOs can be changed before receiving or transmitting any
frames via the P1_RX_LO_SIZE and P1_RX_HI_SIZE (Port 1)
and P2_RX_LO_SIZE and P2_RX_HI_SIZE (Port 2) fields in the
FIFO_SIZE register.
Statistics Counters
The ADIN2111 has fifteen 16-bit counters on each port that incre-
ment on frame transmit and receive. They roll over to 0 when the
maximum value of 65535 is reached and they are not cleared on
reading. Therefore, the counters must be read every four seconds
to ensure that the counters do not roll over the last value read by
the host.
Table 44. Port 1 and Port 2 Statistics Counters
Name1
Description
Px_RX_FRM_CNT
PORT Rx frame count
Px_RX_UCAST_CNT
PORT Rx unicast frame count
Px_RX_MCAST_CNT
PORT Rx multicast frame count
Px_RX_BCAST_CNT
PORT Rx broadcast frame count
Px_RX_CRC_ERR_CNT
PORT Rx CRC errored frame count
Px_RX_ALGN_ERR_CNT
PORT Rx alignment error count
Px_RX_PHY_ERR_CNT
PORT Rx PHY error count
Px_RX_LS_ERR_CNT
PORT Rx long and short frame error count
Px_TX_FRM_CNT
PORT Tx frame count
Px_TX_UCAST_CNT
PORT Tx unicast frame count
Px_TX_MCAST_CNT
PORT Tx multicast frame count
Px_TX_BCAST_CNT
PORT Tx broadcast frame count
Px_RX_DROP_FULL_CNT
PORT Rx frames dropped due to FIFO full
Px_RX_DROP_FILT_CNT
PORT Rx frames dropped due to filtering
Px_RX_IFG_ERR_CNT
PORT Rx frames received with interframe gap
(IFG) errors
1 One set of counters for each port. X represents the port number.
Receive Drop FIFO Full Counter
Before the first byte of a received frame is written into the appro-
priate receive FIFO on Port 1 (respectively Port 2), the space
in the FIFO is checked. If there is no space for at least 256
bytes, the frame is dropped and the P1_RX_DROP_FULL_CNT
(respectively P2_RX_DROP_FULL_CNT) counter increments. If
there is space for at least 256 bytes in the FIFO, the logic
writes the frame to the receive FIFO. If the received frame
exceeds 256 bytes and the receive FIFO fills, the frame
is dropped and the P1_RX_DROP_FULL_CNT (respectively
P2_RX_DROP_FULL_CNT) counter increments.
Note that if a frame is destined for both the host and the other
port, and the frame is not forwarded in one of the destination FIFOs
because it is full, the frame is not counted as a dropped frame.
Frame Receive and Transmit Errors
By default, received errored frames do not generate interrupts.
These frames are dropped and counted, and the software must
monitor the statistics counters. The static random-access memory
(SRAM) error correction code (ECC) error and transmit overflow
error are reported in the error status register (ERR_STATUS).
These errors result in the INT pin asserting an interrupt, unless
an error is masked using the error status mask register (ERR_STA-
TUS_MASK). See the SRAM ECC Error section and Transmit
Overflow Error section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com