Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 67 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 65Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 66Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 67Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 129 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. A | 67 of 129
Table 67. Bit Descriptions for TX_THRESH
Bits
Bit Name
Description
Reset
Access
[31:12]
RESERVED
Reserved.
0x0
R
[11:6]
P2P_TX_THRESH
Port to Port Transmit Start Threshold in Cut Through. If port to port cut through
(PORT_CUT_THRU_EN) is enabled, this field determines the threshold in half words (16 bits)
at which frame transmission starts when the frames are forwarded from one port to the other. The
range of valid values for this field is 1 to 26 half words.
0x1
R/W
[5:0]
HOST_TX_THRESH
Host Transmit Start Threshold in Cut Through. When cut through on Tx is enabled
(TX_CUT_THRU_EN = 1), this field is used to set the threshold in half words (16 bits) at which
frame transmission starts for frames coming from the host. The range of valid values for this field is
1 to 26 half words.
0x1
R/W
LES Tx Priority Register
Address: 0x35, Reset: 0x00000000, Name: TX_PRI
Table 68. Bit Descriptions for TX_PRI
Bits
Bit Name
Description
Reset
Access
[31:3]
RESERVED
Reserved.
0x0
R
[2:0]
TX_HOST_PRI
Host Transmit Priority. When frames are queued to egress a port from both the host and the other port at the
same time, this field determines the ratio of access to the port. For example, if there is a stream of 128-byte
frames from Port 1 to Port 2, and the host is transmitting a stream of 128-byte frames on Port 2, and this field
is set to H50_P50, 50% of the frames transmitted are from the host.
0x0
R/W
The ratio is based on comparing the recent number of bytes transmitted from the host and the other port. 3
options are available: H50_P50, H100_P0, or H0_P100. Values outside of those listed below are reserved.
000: 50/50 host/port.
101: 100/0 host/port. The host is always guaranteed access to wire.
110: 0/100 host/port. Port to port traffic always gets priority.
MAC FIFO Clear Register
Address: 0x36, Reset: 0x00000000, Name: FIFO_CLR
Table 69. Bit Descriptions for FIFO_CLR
Bits
Bit Name
Description
Reset
Access
[31:4]
RESERVED
Reserved.
0x0
R
3
LES_P2P_FIFOS_CLR
Clear the Port to Port FIFOs on LES. If a frame is being transmitted from a Tx FIFO, transmission
stops and a bad CRC is appended to the frame. Writes to Rx FIFOs resume at the start of the next
received frame.
0x0
W
2
LES_FIFOS_CLR
Clear All FIFOs. If a frame is being transmitted from a Tx FIFO, transmission stops and a bad CRC
is appended to the frame. Writes to Rx FIFOs resume at the start of the next received frame.
0x0
W
1
RESERVED
Reserved.
0x0
W
0
MAC_RXF_CLR
Clear the Receive FIFOs. Writes to the Rx FIFOs resume at the start of the next frame.
0x0
W
Scratch Registers
Address: 0x37 to 0x3A (Increments of 1), Reset: 0x00000000, Name: SCRATCHn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com