Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 72 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 68Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 129 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. A | 72 of 129
Table 79. Bit Descriptions for CECC_ERRn
Bits
Bit Name
Description
Reset
Access
[31:10]
RESERVED
Reserved.
0x0
R
[9:0]
CECC_ERR_CNT
Corrected ECC Error Count. The seven counters map to FIFOs is as follows:
0x0
R
CECC_ERR0: low priority Rx FIFO for Port 1.
CECC_ERR1: high priority Rx FIFO for Port 2.
CECC_ERR2: low priority Rx FIFO for Port 2 (LES only).
CECC_ERR3: high priority Rx FIFO for Port 2 (LES only).
CECC_ERR4: Tx FIFO from the host.
CECC_ERR5: Port 1 to Port 2 Tx FIFO (LES only).
CECC_ERR6: Port 2 to Port 1 Tx FIFO (LES only).
MAC Address Rule and DA Filter Upper 16 Bits Registers
Address: 0x50 to 0x6E (Increments of 2), Reset: 0x00000000, Name: ADDR_FILT_UPRn
Contains the upper 16 bits of a MAC address and the forwarding rules associated with the MAC address.
When writing the ADDR_FILT_x* registers, two register locations must be written in order for a given table entry.
For example to write table entry 0, the registers must be written in the following order:
1: ADDR_FILT_UPR0.
2: ADDR_FILT_LWR0.
Table 80. Bit Descriptions for ADDR_FILT_UPRn
Bits
Bit Name
Description
Reset
Access
31
APPLY2PORT2
Apply to Port 2.
0x0
R/W
0: do not apply to Port 2. Do not apply this table entry/rule to frames received on Port 2.
1: apply to Port 2. Apply this table entry/rule to frames received on Port 2.
30
APPLY2PORT1
Apply to Port 1.
0x0
R/W
0: do not apply to Port 1. Do not apply this table entry/rule to frames received on Port 1.
1: apply to Port 1. Apply this table entry/rule to frames received on Port 1.
[29:20]
RESERVED
Reserved.
0x0
R
19
HOST_PRI
Host Rx Port Priority. On the receive port to the host, there are two FIFOs, a low priority FIFIO and
a high priority FIFO. This field determines which FIFO the frame is placed in. Note that by default
memory resources are provided for a high priority FIFO. However if the memory assigned to the
high priority FIFO is moved to another FIFO by writing to the FIFO_SIZE register, this field must not
be set to 1.
0x0
R/W
0: low priority.
1: high priority.
18
RESERVED
Reserved.
0x0
R
17
TO_OTHER_PORT
Forward Frames Matching this MAC Address to the Other Port.
0x0
R/W
16
TO_HOST
Forward Frames Matching This MAC Address to the Host. If APPLY2PORT1 or APPLY2PORT2 is
set to 1 and TO_HOST is 1, the frames matching this DA from the corresponding port are forwarded
to the host. If TO_HOST is 0 and TO_OTHER_PORT is 0, frames matching the DA for this entry are
dropped.
0x0
R/W
[15:0]
MAC_ADDR, Bits[47:32]
MAC Address.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com