Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 87 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 84Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 85Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 86Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 87Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 88Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 89Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 90Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 129 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. A | 87 of 129
Table 150. Bit Descriptions for P2_HI_RXSIZE (Continued)
Bits
Bit Name
Description
Reset
Access
[13:0]
P2_HI_RXSIZE
Data in the Rx FIFO. Number of half words (16 bits).
0x0
R
P2 to P1 Tx Size Register
Address: 0xEC, Reset: 0x00000000, Name: P2TOP1_TXSIZE
Number of valid half words (16 bits) in Port 2 Tx FIFO to be transmitted to Port 1.
Table 151. Bit Descriptions for P2TOP1_TXSIZE
Bits
Bit Name
Description
Reset
Access
[31:14]
RESERVED
Reserved.
0x0
R
[13:0]
P2TOP1_TXSIZE
Data in Port 2 Tx FIFO. Number of 16-bit words to transmit to Port 2.
0x0
R
Transmit Time Stamp Capture Register A (High)
Address: 0xF0, Reset: 0x00000000, Name: P2_TTSCAH
This field contains the upper 32 bits of the captured time stamp for when the requested frame was transmitted.
Table 152. Bit Descriptions for P2_TTSCAH
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_TTSCH_A
Port 2 Transmit Time Stamp A, Bits[63:32].
0x0
R
Transmit Time Stamp Capture Register A (Low)
Address: 0xF1, Reset: 0x00000000, Name: P2_TTSCAL
This field contains the lower 32 bits of the captured time stamp for when the requested frame was transmitted.
Table 153. Bit Descriptions for P2_TTSCAL
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_TTSCL_A
Port 2 Transmit Time Stamp A, Bits[31:0].
0x0
R
Transmit Time Stamp Capture Register B (High)
Address: 0xF2, Reset: 0x00000000, Name: P2_TTSCBH
This field contains the upper 32 bits of the captured time stamp for when the requested frame was transmitted.
Table 154. Bit Descriptions for P2_TTSCBH
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_TTSCH_B
Port 2 Transmit Time Stamp B, Bits[63:32].
0x0
R
Transmit Time Stamp Capture Register B (Low)
Address: 0xF3, Reset: 0x00000000, Name: P2_TTSCBL
This field contains the lower 32 bits of the captured time stamp for when the requested frame was transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com