Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 129 page
background image
Data Sheet
ADIN2111
THEORY OF OPERATION
analog.com
Rev. A | 17 of 129
Table 13. Determination of Transmit Level by Autonegotiation
AN_LP_ADV_B10L_TX_LVL_HI_ABL
AN_LP_ADV_B10L_TX_LVL_HI_REQ AN_ADV_B10L_TX_LVL_HI_ABL AN_ADV_B10L_TX_LVL_HI_REQ
Transmit
Level
0
X1
0
X1
1.0 V p-p
1
X1
0
X1
1.0 V p-p
0
X1
1
X1
1.0 V p-p
1
0
1
0
1.0 V p-p
1
0
1
1
2.4 V p-p
1
1
1
0
2.4 V p-p
1
1
1
1
2.4 V p-p
1 X means don't care.
Master/Slave Advertisement
On a 10BASE-T1L link, a local node and its remote link partner
advertise their role capabilities whether they can operate as master,
slave, prefer master, or prefer slave.
Each of the ADIN2111 PHYs provides the following functions:
►
Master/slave configuration advertisement
►
Forced master/slave configuration advertisement
►
Read link partner master/slave configuration
Master/Slave Configuration Advertisement
For each of the ADIN2111 PHYs, the master/slave configuration
register bit (AN_ADV_MST) in the BASE-T1 autonegotiation adver-
tisement register, Bits[31:16] (AN_ADV_ABILITY_M) is used to
configure the PHY to advertise its master/slave configuration. Note
that this bit is reset to the default role of each PHY after power-up,
hardware reset, or software reset (PHY 1 = prefer master, PHY 2 =
prefer slave). See the Master/Slave Configuration section for more
details on the master/slave configuration.
Forced Master/Slave Configuration
Advertisement
Each of the ADIN2111 PHYs can be forced to operate as a master
(or slave). Forced configuration must be used with caution because
a configuration fault can occur if the link partner is also set in
forced mode as a master (or slave), resulting in autonegotiation
failure. The ADIN2111 can be forced to operate as a master or
slave on each PHY using the force master/slave configuration
register bit (AN_ADV_FORCE_MS) in the BASE-T1 autonegotiation
advertisement register, Bits[15:0] (AN_ADV_ABILITY_L).
Read Link Partner Master/Slave Configuration
The link partner advertised master/slave setting can be read using
the following bits on each of the ADIN2111 PHYs:
►
AN_LP_ADV_FORCE_MS: link partner force master/slave con-
figuration register bit
►
AN_LP_ADV_MST: link partner master/slave configuration regis-
ter bit
These bits update during the autonegotiation process and are valid
when the autonegotiation complete register bit (AN_COMPLETE) in
the BASE-T1 autonegotiation status register is set on the respective
PHY.
Master/Slave Resolution
The master/slave resolution between a local PHY and its remote
link partner can be predefined or defined during autonegotiation.
When using autonegotiation, the internal logic determines the roles
so only one master is present on the link.
Each of the ADIN2111 PHYs provides the following functions:
►
Master/slave configuration resolution result
►
Autonegotiation complete status bit
Determination of Master/Slave Configuration
On a 10BASE-T1L link, when the local and remote PHYs have the
same preferred configuration (for example, both slave or both mas-
ter), autonegotiation randomly assigns compatible configurations
to the local and remote PHYs. When one PHY has a forced
configuration, its master/slave configuration is given priority over a
PHY with a preferred setting.
Master/Slave Configuration Resolution
For each of the ADIN2111 PHYs, the master/slave configuration
defined by autonegotiation can be checked using the master/slave
resolution result register bits (AN_MS_CONFIG_RSLTN) in the ex-
tra autonegotiation status register. The bits indicate if the respective
PHY is configured as master or slave, or if there is a configuration
fault.
These bits update during the autonegotiation process and are valid
when the autonegotiation complete register bit (AN_COMPLETE) in
the BASE-T1 autonegotiation status register (AN_STATUS) is set
on the respective PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com