Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 129 page
background image
Data Sheet
ADIN2111
THEORY OF OPERATION
analog.com
Rev. A | 19 of 129
Those conditions can be set to enable an interrupt on the INT
pin using the PHY subsystem interrupt mask register (PHY_SUB-
SYS_IRQ_MASK).
Following a hardware interrupt on the INT pin, the interrupt source
can be checked using the PHY subsystem interrupt status register
(PHY_SUBSYS_IRQ_STATUS).
Hardware Reset Interrupt
Each PHY of the ADIN2111 can also be configured to generate
a hardware interrupt after a hardware reset (RESET pin pulled
low) by setting the CRSM_HRD_RST_IRQ_EN bit in the system
interrupt mask register (CRSM_IRQ_MASK) of the respective PHY.
Although both PHYs can be used to generate a hardware interrupt,
it is recommended to use PHY 1 for this purpose.
Following a hardware interrupt received on the SPI host from the
INT pin, the PHYINT bit (respectively P2_PHYINT bit) on the Status
Register 0 (respectively Status Register 1) is also set to 1, notifying
an interrupt from PHY 1 (respectively PHY 2).
The interrupt source can then be checked using the
CRSM_HRD_RST_IRQ_LH bit in the system interrupt status reg-
ister (CRSM_IRQ_STATUS) of the respective PHY.
Software Requested Interrupt
For system validation with an external host controller, each PHY of
the ADIN2111 can be requested to generate a hardware interrupt
on the INT pin using the CRSM_SW_IRQ_REQ bit in the system
interrupt mask register (CRSM_IRQ_MASK).
Although both PHYs can be used to generate a hardware interrupt,
it is recommended to use PHY 1 for this purpose.
Following a hardware interrupt received on the SPI host from the
INT pin, the PHYINT bit (respectively P2_PHYINT bit) in the Status
Register 0 (respectively Status Register 1) is also set to 1, notifying
an interrupt from PHY 1 (respectively PHY 2).
The interrupt source can then be checked using the
CRSM_SW_IRQ_LH bit in the system interrupt status register
(CRSM_IRQ_STATUS) of the respective PHY.
PHY System Error Interrupts
Each of the ADIN2111 PHYs can also generate system errors
interrupts. The interrupt flags are located within the reserved bit
sections of system interrupt status register (CRSM_IRQ_STATUS)
of the respective PHY.
The system interrupt mask register (CRSM_IRQ_MASK) must be
configured on the respective PHY to allow system error interrupts.
Refer to Table 215 for details on the interrupts mask.
The ADIN2111 must be hardware reset to recover from a system
error interrupt from one of the two PHYs (CRSM_IRQ_STATUS
reserved bits read as 1 on the respective PHY).
RESET OPERATIONS
The ADIN2111 supports the following chip resets:
►
Power-on reset
►
Hardware reset
►
Software reset
►
MAC subsystem reset
►
PHY 1/PHY 2 subsystem reset
All of these resets put the ADIN2111, including the two PHY cores
and the internal switch, into a known state.
Power-On Reset
The ADIN2111 includes a power supply monitoring circuit to ensure
that the chip has the proper voltage supply before initiating the
power-up sequence. During power-up, the ADIN2111 is held in
hardware reset until each of the supplies crosses its minimum rising
threshold value and the power is considered good.
Hardware Reset
A hardware reset is initiated by the power-on reset circuitry or
by asserting the RESET pin low for a minimum of 10 µs. The
ADIN2111 includes deglitch circuitry on this pin to reject pulses
shorter than 1 µs.
When the RESET pin is deasserted, all the input/output (I/O) pins
are held in tristate mode, the hardware configuration pins are
latched, and the I/O pins are configured to their functional mode.
When all the external and internal supplies are valid and stable, the
crystal oscillator circuit is enabled. After the crystal starts up and
stabilizes, the phase-locked loop (PLL) enables. After a delay of
90 ms (maximum) from the deassertion of the RESET pin, all the
internal clocks are valid, the internal logic releases from reset, and
all the internal SPI, PHY 1, and PHY 2 registers are accessible from
the SPI.
The CLK25_REF clock output stays low while the RESET pin is
asserted low and remains low for another 70 ms (maximum) after
the RESET pin deasserts.
Software Reset
A chip software reset can be initiated by writing 1 to the SWRESET
field of the software reset register (RESET). Note that the software
reset does not reset PORT2 PHY. The PORT2 PHY can be reset
using the hardware reset or PHY subsystem reset.
If a transmission is taking place when the SPI software reset is
initiated, the frame transmission stops abruptly and a runt or a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com