Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 84 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 80Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 81Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 82Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 84Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 85Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 86Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 87Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 129 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. A | 84 of 129
P2 Tx Multicast Frame Count Register
Address: 0xDA, Reset: 0x00000000, Name: P2_TX_MCAST_CNT
Table 136. Bit Descriptions for P2_TX_MCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_TX_MCAST_CNT
Tx Multicast Frame Count.
0x0
R
P2 Tx Unicast Frame Count Register
Address: 0xDB, Reset: 0x00000000, Name: P2_TX_UCAST_CNT
Table 137. Bit Descriptions for P2_TX_UCAST_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_TX_UCAST_CNT
Tx Unicast Frame Count.
0x0
R
P2 Rx Frames Dropped Due to FIFO Full Register
Address: 0xDC, Reset: 0x00000000, Name: P2_RX_DROP_FULL_CNT
Table 138. Bit Descriptions for P2_RX_DROP_FULL_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_DROP_FULL_CNT
Rx Frames Dropped Due to FIFO Full. Note that on LES, if a received frame is destined for
both the host and other port (a flooded frame), and the frame is not forwarded to one of the
destination FIFOs because it is full, the frame is not counted as a dropped frame. That is, if
the frame is flooded, the P2_RX_DROP_FULL_CNT only increments if both FIFOs are full.
0x0
R
P2 Rx Frames Dropped Due to Filtering Register
Address: 0xDD, Reset: 0x00000000, Name: P2_RX_DROP_FILT_CNT
Table 139. Bit Descriptions for P2_RX_DROP_FILT_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_DROP_FILT_CNT
Rx Frames Dropped Due to Filtering.
0x0
R
Frames Received on Port 2 with IFG Errors Register
Address: 0xDE, Reset: 0x00000000, Name: P2_RX_IFG_ERR_CNT
Table 140. Bit Descriptions for P2_RX_IFG_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[31:0]
P2_RX_IFG_ERR_CNT
IFG Error Counter for Port 2 Received Frames.
0x0
R
P2 Transmit Interframe Gap Register
Address: 0xE0, Reset: 0x0000000B, Name: P2_TX_IFG
Table 141. Bit Descriptions for P2_TX_IFG
Bits
Bit Name
Description
Reset
Access
[31:8]
RESERVED
Reserved.
0x0
R
[7:0]
P2_TX_IFG
Interframe Gap. Generates an IFG of (P2_TX_IFG + 1) × 8 bit times between frames on Tx.
0xB
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com