Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 129 page
background image
Data Sheet
ADIN2111
REGISTERS
analog.com
Rev. A | 58 of 129
Table 50. Bit Descriptions for CONFIG0 (Continued)
Bits
Bit Name
Description
Reset
Access
[11:10]
TXCTHRESH
Transmit Credit Threshold. This field configures the number of transmit credits (TXC) of free buffer that must
be available for writing before INT asserts. Only applies to the OA SPI Protocol.
0x0
R/W
00: ≥ 1 credit.
01: ≥ 4 credits.
10: ≥ 8 credits.
11: ≥ 16 credits.
9
TXCTE
Transmit Cut Through Enable. This bit enables the cut through mode of the frame transfer through the
MACPHY device from the SPI host to the network. When cut through on Tx is enabled the host must ensure
that data is provided to the device at a rate of > 10 Mbps to ensure frame transmission does not under run.
0x0
R/W
8
RXCTE
Receive Cut Through Enable. This bit enables the cut through mode of the frame transfer through the
LES device from the network to the SPI host. Cut through must be enabled on device configuration
before receiving frames is enabled. That is, enable cut through before setting Px_FWD_UNK2HOST or
Px_FWD_UNK2Px or writing to the ADDR_FILT_x registers. RXCTE must be 0 when using the generic SPI
protocol.
0x0
R/W
7
FTSE
Frame Time Stamp Enable. This bit enables IEEE 1588 receive and transmit frame time stamps.
0x0
R/W
0: frame receive/transmit time stamps are disabled.
1: frame receive/transmit time stamps are enabled.
6
FTSS
Receive Frame Time Stamp Select. When supported by this MACPHY device and enabled by FTSE = 1, this
bit configures the size and format of the time stamps appended to received frames and captures on request
of transmit frames.
0x0
R/W
0: 32-bit time stamps.
1: 64-bit time stamps.
5
PROTE
Enable Control Data Read Write Protection. When set and using the OPEN Alliance SPI protocol, all control
data written to and read from the MACPHY is transferred with its complement for detection of bit errors. When
set and using the generic SPI protocol, a CRC8 must be provided on SDI, and read data on SDO provides a
CRC8. Note this bit cannot be written. Its value is set via sensing a pin on power-up.
0x0
R
4
SEQE
Enable Tx Data Chunk Sequence and Retry. When supported by this MACPHY device, this bit enables
MACPHY monitoring of the SEQ bit transmitted in the Tx data chunk header by the SPI host and TX data
chunk retries. Not supported. Only applies to the OA SPI Protocol.
0x0
R/W
0: Support for Tx data chunk sequence and retry is disabled. The MACPHY ignores the Tx header SEQ bit.
1: Support for Tx data chunk sequence and retry is enabled. The MACPHY monitors the SEQ bit in the Tx
header and allows the rewriting of Tx data chunks when the SEQ bit does not change.
3
RESERVED
Reserved.
0x0
R
[2:0]
CPS
Chunk Payload Selector (N). Chunk payload size is 2N. N = 3 minimum and 6 maximum. Default is 64 bytes.
This field must be set on device configuration before frame transmission from the host starts and before
enabling receiving frames into the Rx FIFOs. This field cannot be modified while transmitting a frame from
the host or while sending a received frame to the host. Once the configuration synchronization (SYNC) bit is
set, the chunk payload size must not be changed without a reset of the MACPHY. The minimum supported
chunk payload size for this MACPHY device is indicated in the CPSMIN field of the CAPABILITY register.
Only applies to the OA SPI protocol.
0x6
R/W
011: chunk size is 8 bytes.
100: chunk size is 16 bytes.
101: chunk size is 32 bytes.
110: chunk size is 64 bytes.
Configuration Register 2
Address: 0x06, Reset: 0x00000800, Name: CONFIG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com