Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 129 page
background image
Data Sheet
ADIN2111
THEORY OF OPERATION
analog.com
Rev. A | 16 of 129
►
AN_ADV_B10L_TX_LVL_HI_REQ: advertisement of the
10BASE-T1L high level transmit operating mode request bit
►
B10L_TX_LVL_HI: 10BASE-T1L transmit voltage amplitude con-
trol bit
Table 11. AN_ADV_B10L_TX_LVL_HI_ABL Settings
Bit Setting
Description
0
Support 1.0 V p-p transmit level only
1
Support both 1.0 V p-p and 2.4 V p-p transmit level
Table 12. AN_ADV_B10L_TX_LVL_HI_REQ Settings
Bit Setting
Description
0
Request 1.0 V p-p transmit level
1
Request 2.4 V p-p transmit level
High Voltage Transmit Level Request
Advertisement
The two PHYs of the ADIN2111 can be configured to advertise
a request for the 2.4 V p-p transmit level using the 10BASE-
T1L high level transmit operating mode ability advertisement bit
(AN_ADV_B10L_TX_LVL_HI_ABL) on the respective PHY. Note
that the 2.4 V p-p transmit level must be enabled using the
P1_TX2P4_EN (respectively P2_TX2P4_EN) hardware configura-
tion pin signal to enable the high voltage request advertisement on
Port 1 (respectively Port 2).
Link Partner Transmit Level Advertisement
The high level transmit information advertised from the link partner
can be read using the following bits on each of the ADIN2111
PHYs:
►
AN_LP_ADV_B10L_TX_LVL_HI_ABL: link partner 10BASE-T1L
high level transmit operating mode ability
►
AN_LP_ADV_B10L_TX_LVL_HI_REQ: link partner 10BASE-T1L
high level transmit operating mode request
These bits update during the autonegotiation process and are valid
when the autonegotiation complete register bit (AN_COMPLETE) is
set on the respective PHY.
Transmit Amplitude Resolution
Autonegotiation supports the following features to define the trans-
mit amplitude to use between a local node and its link partner:
►
Advertise the high voltage transmit ability from the local node
►
Request to use the high voltage transmit level from the local
node
►
Read the link partner transmit level ability and transmit level
request
►
Select the autonegotiation and transmit level operating mode
If the ADIN2111 PORT1 PHY (respectively Port 2 PHY) is config-
ured in high voltage mode, the autonegotiation process determines
the level to use on the PORT1 PHY (respectively Port 2 PHY)
based on the link partner capabilities.
Determination of Transmit Level Resolution
For a 10BASE-T1L link, if either the local or remote PHY advertises
that it is not capable of supporting the high level (2.4 V p-p) transmit
operating mode, or if neither the local nor remote PHY advertises a
request for high level (2.4 V p-p) transmit operating mode, the result
is operation at the 1.0 V p-p transmit level.
If both the local and remote PHYs advertise that they are capable
of transmitting in the high level (2.4 V p-p) transmit operating mode,
and if either the local or remote PHY advertises a request for high
level (2.4 V p-p) transmit operating mode, the result is operation at
the 2.4 V p-p transmit level.
Thus, a PHY can ensure that the device must operate at the 1.0 V
p-p transmit level. However, it can only request operation at the 2.4
V p-p transmit level.
Software Configuration
The ADIN2111 transmit level on the Port 1 PHY (respectively Port
2 PHY) can also be configured in software using the following
10BASE-T1L autonegotiation advertisement bits on the respective
PHY:
►
AN_ADV_B10L_TX_LVL_HI_ABL: high level transmit operating
mode ability bit
►
AN_ADV_B10L_TX_LVL_HI_REQ: high level transmit operating
mode request register bits
The higher transmit level must be enabled on Port 1 (respectively
Port 2) with the P1_TX2P4_EN (respectively P2_TX2P4_EN) hard-
ware configuration pin signal to configure the two autonegotiation
advertisement bits through software. See the Transmit Amplitude
section for details.
If it is required to only operate the Port 1 PHY (respectively Port 2
PHY) at the 1.0 V p-p transmit level operation, clear the respective
AN_ADV_B10L_TX_LVL_HI_ABL bit, so that 2.4 V p-p transmit
level operation is not advertised. In this case, autonegotiation can
only resolve to 1.0 V p-p transmit level operation, irrespective of the
setting that the remote PHY advertises.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com