Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2111BCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADIN2111BCPZ-R7
Description  Low Complexity, 2-Port Ethernet Switch with Integrated 10BASE-T1L PHYs
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN2111BCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIN2111BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADIN2111BCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 129 page
background image
Data Sheet
ADIN2111
THEORY OF OPERATION
analog.com
Rev. A | 18 of 129
Table 14. Determination of Master/Slave by Autonegotiation
Local1
Remote1
Local
Remote
AN_ADV_FORCE_MS
AN_ADV_MST
AN_LP_ADV_FORCE_MS
AN_LP_ADV_MST
Master/Slave Resolution
0
0
0
0
Master/slave
Slave/master
0
0
0
1
Slave
Master
0
1
0
0
Master
Slave
0
1
0
1
Master/slave
Slave/master
0
X
1
0
Master
Slave
0
X
1
1
Slave
Master
1
0
0
X
Slave
Master
1
1
0
X
Master
Slave
1
0
1
0
Configuration fault
Configuration fault
1
0
1
1
Slave
Master
1
1
1
0
Master
Slave
1
1
1
1
Configuration fault
Configuration fault
1 X means don't care.
Autonegotiation Fail
On a 10BASE-T1L link, autonegotiation can fail due to the following
scenarios:
►
Configuration fault, such as invalid master/slave configuration
►
Link quality issues
►
Timeout in pages transmission
If autonegotiation fails, it restarts. The link remains down until the
autonegotiation process completes.
MDI
The ADIN2111 provides a two-pin MDI for each port (Port 1 and
Port 2) with internal termination resistors and an internal hybrid, to
connect the ADIN2111 ports to the Ethernet network via a twisted
wire pair. The two ports are connected to the internal PHYs (PHY 1
and PHY 2).
SPI
The ADIN2111 can be interfaced to the host controller via the
four-pin SPI, allowing frame transfer and control of the internal
switch MAC registers and the internal PHYs core management
registers via the SPI to MDIO bridge.
The interface is compatible with both IEEE Standard 802.3 Clause
22 and Clause 45 management frame structures (see the Register
Summary: 10BASE-T1L Single Pair Ethernet PHY Core (ADIN2111)
section).
The SPI is compatible with the OPEN Alliance SPI protocol and
supports a generic SPI mode. The SPI operating mode is set using
the SPI_CFG0 and SPI_CFG1 hardware configuration pin signals
(see the Hardware Configuration Pins section).
HARDWARE INTERRUPT (INT)
The ADIN2111 can generate a hardware interrupt to a host control-
ler using the INT pin. This pin can be configured to trigger interrupts
from the following sources:
►
PHY 1/PHY 2 status
►
PHY 1/PHY 2 data ready
►
PHY 1/PHY 2 system errors
►
Frame and overflow errors
►
IEEE 1588 timestamp capture
►
Reset interrupt
►
Software requested interrupt
Switch Subsystem Interrupt
When an interrupt occurs, the system can poll the Status Register 0
(STATUS0) and the Status Register 1 (STATUS1) to determine the
origin of the interrupt.
The switch subsystem interrupts can be configured to trigger the
INT pin using the Interrupt Mask Register 0 (IMASK0) and the mask
bits for driving the interrupt pin register (IMASK1).
PHY Subsystem Interrupts
The following conditions can be selected to generate an interrupt on
each of the ADIN2111 PHYs:
►
MAC interface frame checker/generator interrupt
►
MAC interface buffers overflow/underflow interrupt
►
Autonegotiation status change interrupt
►
Link status change interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com