Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 21Page - Microchip Technology MCP4021 Datasheet HTML 22Page - Microchip Technology MCP4021 Datasheet HTML 23Page - Microchip Technology MCP4021 Datasheet HTML 24Page - Microchip Technology MCP4021 Datasheet HTML 25Page - Microchip Technology MCP4021 Datasheet HTML 26Page - Microchip Technology MCP4021 Datasheet HTML 27Page - Microchip Technology MCP4021 Datasheet HTML 28Page - Microchip Technology MCP4021 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
© 2006 Microchip Technology Inc.
DS21945E-page 25
MCP4021/2/3/4
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Positive Power Supply Input (VDD)
The VDD pin is the device’s positive power supply input.
The input power supply is relative to VSS and can range
from 2.7V to 5.5V. A decoupling capacitor on VDD (to
VSS) is recommended to achieve maximum
performance.
3.2
Ground (VSS)
The VSS pin is the device ground reference.
3.3
Potentiometer Terminal A
The terminal A pin is connected to the internal potenti-
ometer’s terminal A (available on some devices). The
potentiometer’s terminal A is the fixed connection to the
0x3F terminal of the digital potentiometer.
The terminal A pin is available on the MCP4021,
MCP4022 and MCP4023 devices. The terminal A pin
does not have a polarity relative to the terminal W or B
pins. The terminal A pin can support both positive and
negative current. The voltage on teminal A must be
between VSS and VDD.
The terminal A pin is not available on the MCP4024.
The potentiometer’s terminal A is internally floating.
3.4
Potentiometer Wiper (W) Terminal
The terminal W pin is connected to the internal potenti-
ometer’s terminal W (the wiper). The wiper terminal is
the adjustable terminal of the digital potentiometer. The
terminal W pin does not have a polarity relative to
terminals A or B pins. The terminal W pin can support
both positive and negative current. The voltage on
teminal W must be between VSS and VDD.
3.5
Potentiometer Terminal B
The terminal B pin is connected to the internal potenti-
ometer’s terminal B (available on some devices). The
potentiometer’s terminal B is the fixed connection to the
0x00 terminal of the digital potentiometer.
The terminal B pin is available on the MCP4021 device.
The terminal B pin does not have a polarity relative to
the terminal W or A pins. The terminal B pin can
support both positive and negative current. The voltage
on teminal B must be between VSS and VDD.
The terminal B pin is not available on the MCP4022,
MCP4023 and MCP4024 devices.
For the MCP4023 and MCP4024, the internal potenti-
ometer’s terminal B is internally connected to VSS.
Terminal B does not have a polarity relative to terminals
W or A. Terminal B can support both positive and
negative current.
For the MCP4022, terminal B is internally floating.
Pin Number
Symbol
Pin
Type
Buffer
Type
Function
MCP4021
(SOIC-8)
MCP4022
MCP4023
(SOT-23-6)
MCP4024
(SOT-23-5)
11
1
VDD
P
—
Positive Power Supply Input
22
2
VSS
P
—
Ground
3
6
—
A
I/O
A
Potentiometer Terminal A
45
5
W
I/O
A
Potentiometer Wiper Terminal
54
4
CS
I
TTL
Chip Select Input
6
—
—
B
I/O
A
Potentiometer Terminal B
7
—
—
NC
—
—
No Connection
83
3
U/D
I
TTL
Increment/Decrement Input
Legend: TTL = TTL compatible input
A = Analog input
I = Input
O = Output
P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com