Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021 Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 56Page - Microchip Technology MCP4021 Datasheet HTML 57Page - Microchip Technology MCP4021 Datasheet HTML 58Page - Microchip Technology MCP4021 Datasheet HTML 59Page - Microchip Technology MCP4021 Datasheet HTML 60Page - Microchip Technology MCP4021 Datasheet HTML 61Page - Microchip Technology MCP4021 Datasheet HTML 62Page - Microchip Technology MCP4021 Datasheet HTML 63Page - Microchip Technology MCP4021 Datasheet HTML 64Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
© 2006 Microchip Technology Inc.
DS21945E-page 61
MCP4021/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP4021:
Single Potentiometer with U/D Interface
MCP4021T:
Single Potentiometer with U/D Interface
(Tape and Reel) (SOIC, MSOP)
MCP4022:
Single Rheostat with U/D interface
MCP4022T:
Single Rheostat with U/D interface
(Tape and Reel) (SOT-23-6)
MCP4023:
Single Potentiometer to GND with U/D
Interface
MCP4023T:
Single Potentiometer to GND with U/D
Interface (Tape and Reel) (SOT-23-6)
MCP4024:
Single Rheostat to GND with U/D
Interface
MCP4024T:
Single Rheostat to GND with U/D
Interface (Tape and Reel)(SOT-23-5)
Resistance Version:
202 = 2.1 k
Ω
502 = 5 k
Ω
103 = 10 k
Ω
503 = 50 k
Ω
Temperature Range:
E
= -40°C to +125°C
Package:
CH = Plastic Small Outline Transistor, 6-lead
MC = Plastic Dual Flat No Lead (2x3x0.9 mm), 8-lead
MS = Plastic MSOP, 8-lead
SN = Plastic SOIC, (150 mil Body), 8-lead
OT = Plastic Small Outline Transistor, 5-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP4021-103E/MS: 10 k
Ω, 8-LD MSOP
b)
MCP4021-103E/SN:
10 k
Ω, 8-LD SOIC
c)
MCP4021T-103E/MC: T/R, 10 k
Ω, 8-LD DFN
d)
MCP4021T-103E/MS: T/R, 10 k
Ω, 8-LD MSOP
e)
MCP4021T-103E/SN: T/R, 10 k
Ω, 8-LD SOIC
f)
MCP4021-202E/MS: 2.1 k
Ω, 8-LD MSOP
g)
MCP4021-202E/SN:
2.1 k
Ω, 8-LD SOIC
h)
MCP4021T-202E/MC: T/R, 2.1 k
Ω, 8-LD DFN
i)
MCP4021T-202E/MS: T/R, 2.1 k
Ω, 8-LD MSOP
j)
MCP4021T-202E/SN: T/R, 2.1 k
Ω, 8-LD SOIC
k)
MCP4021-502E/MS: 5 k
Ω, 8-LD MSOP
l)
MCP4021-502E/SN:
5 k
Ω, 8-LD SOIC
m)
MCP4021T-502E/MC: T/R, 5 k
Ω, 8-LD DFN
n)
MCP4021T-502E/MS: T/R, 5 k
Ω, 8-LD MSOP
o)
MCP4021T-502E/SN: T/R, 5 k
Ω, 8-LD SOIC
p)
MCP4021-503E/MS: 50 k
Ω, 8-LD MSOP
q)
MCP4021-503E/SN:
50 k
Ω, 8-LD SOIC
r)
MCP4021T-503E/MC: T/R, 50 k
Ω, 8-LD DFN
s)
MCP4021T-503E/MS: T/R, 50 k
Ω, 8-LD MSOP
t)
MCP4021T-503E/SN: T/R, 50 k
Ω, 8-LD SOIC
a)
MCP4022T-202E/CH 2.1 k
Ω, 6-LD SOT-23
b)
MCP4022T-502E/CH 5 k
Ω, 6-LD SOT-23
c)
MCP4022T-103E/CH 10 k
Ω, 6-LD SOT-23
d)
MCP4022T-503E/CH 50 k
Ω, 6-LD SOT-23
a)
MCP4023T-202E/CH 2.1 k
Ω, 6-LD SOT-23
b)
MCP4023T-502E/CH 5 k
Ω, 6-LD SOT-23
c)
MCP4023T-103E/CH 10 k
Ω, 6-LD SOT-23
d)
MCP4023T-503E/CH 50 k
Ω, 6-LD SOT-23
a)
MCP4024T-202E/OT 2.1 k
Ω, 5-LD SOT-23
b)
MCP4024T-502E/OT 5 k
Ω, 5-LD SOT-23
c)
MCP4024T-103E/OT 10 k
Ω, 5-LD SOT-23
d)
MCP4024T-503E/OT 50 k
Ω, 5-LD SOT-23
XXX
Resistance
Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com