Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 55Page - Microchip Technology MCP4021 Datasheet HTML 56Page - Microchip Technology MCP4021 Datasheet HTML 57Page - Microchip Technology MCP4021 Datasheet HTML 58Page - Microchip Technology MCP4021 Datasheet HTML 59Page - Microchip Technology MCP4021 Datasheet HTML 60Page - Microchip Technology MCP4021 Datasheet HTML 61Page - Microchip Technology MCP4021 Datasheet HTML 62Page - Microchip Technology MCP4021 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
© 2006 Microchip Technology Inc.
DS21945E-page 59
MCP4021/2/3/4
APPENDIX A: REVISION HISTORY
Revision E (December 2006)
• Added device designators in conditions column to
associate units (MHz) in Bandwidth -3 dB
parameter in AC/DC Characteristics table
• Added device designations in conditions column
for R-INL and R-DNL specifications.
• Added disclaimers to package outline drawings.
Revision D (October 2006)
• Changed the EEPROM write cycle time (TWC)
from a maximum of 5 ms to a maximum of 10 ms
(overvoltage and temperature) with a typical of
5ms
• For the 10 k
Ω device, the rheostat differential
non-linearity specification at 2.7V was changed
from ±0.5 LSb to ±1.0 LSb
• Figure 2-9 in Section 2.0 “Typical Performance
Curves” was updated with the correct data.
• Added Figure 2-48 for -3 db Bandwidth
information.
• Updated available Development Tools.
• Added disclaimer to package outline drawings.
Revision C (November 2005)
• Enhanced Descriptions
• Reordered Sections
• Added 8-lead MSOP and DFN packages
Revision B (April 2005)
• Updated part numbers in Product Identifcation
Section (PIS)
• Added Appendix A: Revision History
Revision A (April 2005)
• Original Release of this Document



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com