Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021 Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 49Page - Microchip Technology MCP4021 Datasheet HTML 50Page - Microchip Technology MCP4021 Datasheet HTML 51Page - Microchip Technology MCP4021 Datasheet HTML 52Page - Microchip Technology MCP4021 Datasheet HTML 53Page - Microchip Technology MCP4021 Datasheet HTML 54Page - Microchip Technology MCP4021 Datasheet HTML 55Page - Microchip Technology MCP4021 Datasheet HTML 56Page - Microchip Technology MCP4021 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
© 2006 Microchip Technology Inc.
DS21945E-page 53
MCP4021/2/3/4
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead MSOP (MCP4021)
Example:
XXXXXX
YWWNNN
402122
530256
Example:
8-Lead DFN (2x3) (MCP4021)
XXX
YWW
NNN
AAA
530
256
8-Lead SOIC (150 mil) (MCP4021)
Example:
XXXXXXXX
XXXXYYWW
NNN
402153E
SN^^ 0530
256
3
e
Part Number
Code
MCP4021T-202E/MC
AAA
MCP4021T-502E/MC
AAB
MCP4021T-103E/MC
AAC
MCP4021T-503E/MC
AAD
Note: Applies to 8-Lead DFN
Part Numbers
Code
8L-MSOP
8L-SOIC
MCP4021-202E/MS MCP4021-202E/SN
22
MCP4021-502E/MS MCP4021-502E/SN
52
MCP4021-103E/MS MCP4021-103E/SN
13
MCP4021-503E/MS MCP4021-503E/SN
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com