Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 23Page - Microchip Technology MCP4021 Datasheet HTML 24Page - Microchip Technology MCP4021 Datasheet HTML 25Page - Microchip Technology MCP4021 Datasheet HTML 26Page - Microchip Technology MCP4021 Datasheet HTML 27Page - Microchip Technology MCP4021 Datasheet HTML 28Page - Microchip Technology MCP4021 Datasheet HTML 29Page - Microchip Technology MCP4021 Datasheet HTML 30Page - Microchip Technology MCP4021 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
© 2006 Microchip Technology Inc.
DS21945E-page 27
MCP4021/2/3/4
4.0
GENERAL OVERVIEW
The MCP402X devices are general purpose digital
potentiometers intended to be used in applications
where a programmable resistance with moderate
bandwidth is desired.
Applications generally suited for the MCP402X devices
include:
• Set point or offset trimming
• Sensor calibration
• Selectable gain and offset amplifier designs
• Cost-sensitive mechanical trim pot replacement
The digital potentiometer is available in four nominal
resistances (RAB), where the nominal resistance is
defined as the resistance between terminal A and
terminal B. The four nominal resistances are 2.1 k
Ω,
5k
Ω, 10 kΩ and 50 kΩ.
There are 63 resistors in a string between terminal A
and terminal B. The wiper can be set to tap onto any of
these 63 resistors thus providing 64 possible settings
(including terminal A and terminal B).
Figure 4-1 shows a block diagram for the resistive
network of the device. Equation 4-1 shows the
calculation for the step resistance, while Equation 4-2
illustrates the calculation used to determine the
resistance between the wiper and terminal B.
FIGURE 4-1:
Resistor Block Diagram.
EQUATION 4-1:
RS CALCULATION
EQUATION 4-2:
RWB CALCULATION
1 LSb is the ideal resistance difference between two
successive codes. If we use N = 1 and RW = 0 in
Equation 4-2, we can calculate the step size for each
increment or decrement command.
The MCP4021 device offers a voltage divider
(potentiometer) with all terminals available on pins.
The MCP4022 is a true rheostat, with terminal A and
the wiper (W) of the variable resistor available on pins.
The MCP4023 device offers a voltage divider (potenti-
ometer) with terminal B connected to ground.
The MCP4024 device is a rheostat device with terminal
A of the resistor floating, terminal B connected to
ground, and the wiper (W) available on pin.
The MCP4021 can be externally configured to
implement any of the MCP4022, MCP4023 or
MCP4024 configurations.
4.1
Serial Interface
A 2-wire synchronous serial protocol is used to
increment or decrement the digital potentiometer’s
wiper terminal. The Increment/Decrement (U/D)
protocol utilizes the CS and U/D input pins. Both inputs
are tolerant of signals up to 12.5V without damaging
the device. The CS pin can differenciate between two
high-voltage levels, VIH and VIHH. This enables
additional commands without requiring additional input
pins. The high-voltage commands (VIHH on the CS pin)
are similar to the standard commands, except that they
control (enable, disable, ...) the state of the non-volatile
WiperLock technolgy feature.
The simple U/D protocol uses the state of the U/D pin
at the falling edge of the CS pin to determine if
Increment or Decrement mode is desired. Subsequent
rising edges of the U/D pin move the wiper.
The wiper value will not underflow or overflow. The new
wiper setting can be saved to EEPROM, if desired, by
selecting the state of the U/D pin during the rising edge
of the CS pin.
The non-volatile wiper enables the MCP4021/2/3/4 to
operate stand alone (without microcontroller control).
RS
A
RS
RS
RS
B
N = 63
N = 62
N = 61
N = 1
N = 0
RW (1)
W
01h
Analog
Mux
RW (1)
00h
RW (1)
3Dh
RW (1)
3Eh
RW (1)
3Fh
Note 1: The wiper resistance is tap dependent.
That is, each tap selection resistance
has a small variation. This variation
effects the smaller resistance devices
(2.1 k
Ω) more.
RS
RAB
63
---------
=
RWB
RABN
63
-------------- RW
+
=
N = 0 to 63 (decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com