Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 1 Page - Microchip Technology

  MCP4021 Datasheet HTML 1Page - Microchip Technology MCP4021 Datasheet HTML 2Page - Microchip Technology MCP4021 Datasheet HTML 3Page - Microchip Technology MCP4021 Datasheet HTML 4Page - Microchip Technology MCP4021 Datasheet HTML 5Page - Microchip Technology MCP4021 Datasheet HTML 6Page - Microchip Technology MCP4021 Datasheet HTML 7Page - Microchip Technology MCP4021 Datasheet HTML 8Page - Microchip Technology MCP4021 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
© 2006 Microchip Technology Inc.
DS21945E-page 1
MCP4021/2/3/4
Features
• Non-volatile Digital Potentiometer in SOT-23,
SOIC, MSOP and DFN packages
• 64 Taps: 63 Resistors with Taps to terminal A and
terminal B
• Simple Up/Down (U/D) Protocol
• Power-on Recall of Saved Wiper Setting
• Resistance Values: 2.1 k
Ω, 5 kΩ, 10 kΩ or 50 kΩ
• Low Tempco:
- Absolute (Rheostat): 50 ppm (0°C to 70°C typ.)
- Ratiometric (Potentiometer): 10 ppm (typ.)
• Low Wiper Resistance: 75
Ω (typ.)
• WiperLock™ Technology to Secure the wiper
setting in non-volatile memory (EEPROM)
• High-Voltage Tolerant Digital Inputs: Up to 12.5V
• Low-Power Operation: 1 µA Max Static Current
• Wide Operating Voltage: 2.7V to 5.5V
• Extended Temperature Range: -40°C to +125°C
• Wide Bandwidth (-3 dB) Operation:
- 4 MHz (typ.) for 2.1 k
Ω device
Description
The MCP4021/2/3/4 devices are non-volatile, 6-bit
digital potentiometers that can be configured as either a
potentiometer or rheostat. The wiper setting is
controlled through a simple Up/Down (U/D) serial
interface.
These device’s implement Microchip’s WiperLock tech-
nology, which allows application-specific calibration
settings to be secured in the EEPROM without
requiring the use of an additional write-protect pin.
Package Types
Block Diagram
Device Features
.
A
W
B
MCP4021
SOIC, MSOP, DFN
MCP4022
SOT-23-6
MCP4023
SOT-23-6
MCP4024
SOT-23-5
Rheostat
Potentiometer
Potentiometer
Rheostat
A
VSS
W
1
2
3
4
8
7
6
5
VDD
U/D
NC
B
CS
4
1
2
3
5 W
CS
VDD
VSS
U/D
4
1
2
3
6 A
CS
VDD
VSS
U/D
5 W
A
W
B
4
1
2
3
6 A
CS
VDD
VSS
U/D
5 W
A
W
W
A
B
B
V
DD
V
SS
U/D
W
B
CS
WiperLock™
EEPROM and
A
2-Wire
Interface
and
Control
Logic
Power-Up
and
Brown-Out
Control
Technology
Device
Wiper
Configuration
Memory
Type
Resistance (typical)
# of
Steps
VDD
Operating
Range
Control
Interface
WiperLock™
Technology
Options (k
Ω)Wiper (Ω)
MCP4021 Potentiometer (1)
EE
2.1, 5.0, 10.0, 50.0
75
64
2.7V - 5.5V
U/D
Yes
MCP4022
Rheostat
EE
2.1, 5.0, 10.0, 50.0
75
64
2.7V- 5.5V
U/D
Yes
MCP4023
Potentiometer
EE
2.1, 5.0, 10.0, 50.0
75
64
2.7V - 5.5V
U/D
Yes
MCP4024
Rheostat
EE
2.1, 5.0, 10.0, 50.0
75
64
2.7V - 5.5V
U/D
Yes
Note 1: Floating either terminal (A or B) allows the device to be used in Rheostat mode.
Low-Cost NV Digital POT with WiperLock™ Technology


Similar Part No. - MCP4021

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP402XEV MICROCHIP-MCP402XEV Datasheet
756Kb / 46P
Digital Potentiometer Evaluation Board User?셲 Guide
10/31/05
More results

Similar Description - MCP4021

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4011 MICROCHIP-MCP4011 Datasheet
3Mb / 60P
Low-Cost 64-Step Volatile Digital POT
2006
logo
Maxim Integrated Produc...
DS3501 MAXIM-DS3501 Datasheet
230Kb / 14P
High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
Rev 0; 1/07
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
High-Voltage, NV, I2C POT
Rev 0; 1/08
DS3502 MAXIM-DS3502_09 Datasheet
162Kb / 11P
High-Voltage, NV, I2C POT
Rev 1; 3/09
logo
ON Semiconductor
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com