Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 25Page - Microchip Technology MCP4021 Datasheet HTML 26Page - Microchip Technology MCP4021 Datasheet HTML 27Page - Microchip Technology MCP4021 Datasheet HTML 28Page - Microchip Technology MCP4021 Datasheet HTML 29Page - Microchip Technology MCP4021 Datasheet HTML 30Page - Microchip Technology MCP4021 Datasheet HTML 31Page - Microchip Technology MCP4021 Datasheet HTML 32Page - Microchip Technology MCP4021 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
© 2006 Microchip Technology Inc.
DS21945E-page 29
MCP4021/2/3/4
5.0
SERIAL INTERFACE
5.1
Overview
The MCP4021/2/3/4 utilizes a simple 2-wire interface to
increment or decrement the digital potentiometer’s
wiper terminal (W), store the wiper setting in non-vola-
tile memory and turn the WiperLock technology feature
on or off. This interface uses the Chip Select (CS) pin,
while the U/D pin is the Up/Down input.
The Increment/Decrement protocol enables the device
to move one step at a time through the range of
possible resistance values. The wiper value is
initialized with the value stored in the internal EEPROM
upon power-up. A wiper value of 00h connects the
wiper to terminal B. A wiper value of 3Fh connects the
wiper to terminal A. Increment commands move the
wiper toward terminal A, but will not increment to a
value greater than 3Fh. Decrement commands move
the wiper toward terminal B, but will not decrement
below 00h.
Refer to Section 1.0 “Electrical Characteristics”,
AC/DC Electrical Characteristics table for detailed input
threshold and timing specifications.
Communication is unidirectional. Therefore, the value
of the current wiper setting cannot be read out of the
MCP402X device.
5.2
Serial Commands
The MCP402X devices support 10 serial commands.
The commands can be grouped into the following
types:
• Serial Commands
• High-voltage Serial Commands
All the commands are shown in Table 5-1.
The command type is determined by the voltage level
on the CS pin. The initial state that the CS pin must be
driven is VIH. From VIH, the two levels that the CS pin
can be driven are:
•VIL
•VIHH
If the CS pin is driven from VIH to VIL, a serial
command is selected. If the CS pin is driven from VIH to
VIHH, a high-voltage serial command is selected.
High-voltage serial commands control the state of the
WiperLock technology. This is a unique feature, where
the user can determine whether or not to “lock” or
“unlock” the wiper state.
High-voltage serial commands increment/decrement
the wiper regardless of the status of the WiperLock
technology.
TABLE 5-1:
COMMANDS
Command Name
Saves
Wiper
Value in
EEPROM
High
Voltage
on CS
pin?
After
Command
Wiper is
“locked”/
”unlocked”
Works
when
Wiper is
“locked”?
Increment without Writing Wiper Setting to EEPROM
——
unlocked
Note 1
Increment with Writing Wiper Setting to EEPROM
Yes
—
unlocked
Note 1
Decrement without Writing Wiper Setting to EEPROM
——
unlocked
Note 1
Decrement with Writing Wiper Setting to EEPROM
Yes
—
unlocked
Note 1
Write Wiper Setting to EEPROM
Yes
—
unlocked
Note 1
High-Voltage Increment and Disable WiperLock Technology
Yes
Yes
unlocked
Yes
High-Voltage Increment and Enable WiperLock Technology
Yes
Yes
locked
Yes
High-Voltage Decrement and Disable WiperLock Technology
Yes
Yes
unlocked
Yes
High-Voltage Decrement and Enable WiperLock Technology
Yes
Yes
locked
Yes
Write Wiper Setting to EEPROM and Disable WiperLock
Technology
Yes
Yes
unlocked
Yes
Write Wiper Setting to EEPROM and Enable WiperLock
Technology
Yes
Yes
locked
Yes
Note 1: This command will only complete if wiper is “unlocked” (WiperLock Technology is Disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com