Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 24Page - Microchip Technology MCP4021 Datasheet HTML 25Page - Microchip Technology MCP4021 Datasheet HTML 26Page - Microchip Technology MCP4021 Datasheet HTML 27Page - Microchip Technology MCP4021 Datasheet HTML 28Page - Microchip Technology MCP4021 Datasheet HTML 29Page - Microchip Technology MCP4021 Datasheet HTML 30Page - Microchip Technology MCP4021 Datasheet HTML 31Page - Microchip Technology MCP4021 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
MCP4021/2/3/4
DS21945E-page 28
© 2006 Microchip Technology Inc.
4.2
The WiperLock™ Technology
The MCP4021/2/3/4 device’s WiperLock technology
allows application-specific calibration settings to be
secured in the EEPROM without requiring the use of an
additional write-protect pin.
The WiperLock technology prevents the serial
commands from doing the following:
• Incrementing or decrementing the wiper setting
• Writing the wiper setting to the non-volatile
memory
Enabling and disabling the WiperLock technology
feature
requires
high-voltage
serial
commands
(CS =VIHH). Incrementing and decrementing the wiper
requires high-voltage commands when the feature is
enabled. The high-voltage threshold (VIHH) is intended
to prevent the wiper setting from being altered by noise
or intentional transitions on the U/D and CS pins, while
still providing flexibility for production or calibration
environments.
Both the CS and U/D input pins are tolerant of signals
up to 12V. This allows the flexibility to multiplex the
digital pot’s control signals onto application signals for
manufacturing/calibration.
4.3
Power-up
When the device powers up, the last saved wiper
setting is restored.
While VDD < Vmin (2.7V), the electrical performance
may not meet the data sheet specifications (see
Figure 4-2). The wiper may be unknown or initialized to
the value stored in the EEPROM. Also the device may
be capable of incrementing, decrementing and writing
to its EEPROM, if a valid command is detected on the
CS and U/D pins.
The default settings of the MCP4021/2/3/4 device’s
from the factory are shown in Table 4-1.
TABLE 4-1:
DEFAULT FACTORY
SETTINGS SELECTION
It is good practice in your manufacturing flow to
configure the device to your desired settings.
4.4
Brown Out
If the device VDD is below the specified minimum
voltage, care must be taken to ensure that the CS and
U/D pins do not “create” any of the serial commands.
When the device VDD drops below Vmin (2.7V), the
electrical performance may not meet the data sheet
specifications (see Figure 4-2). The wiper may be
unknown or initialized to the value stored in the
EEPROM. Also the device may be capable of
incrementing, decrementing and writing to its EEPROM
if a valid command is detected on the CS and U/D pins.
4.5
Serial Interface Inactive
The serial interface is inactive any time the CS pin is at
VIH and all write cycles are completed.
FIGURE 4-2:
Power-up and Brown-out.
-202
Mid-scale
1Fh
Disabled
2.1 k
Ω
-502
Mid-scale
1Fh
Disabled
5.0 k
Ω
-103
Mid-scale
1Fh
Disabled
10.0 k
Ω
-503
Mid-scale
1Fh
Disabled
50.0 k
Ω
VWP
VSS
VDD
2.7V
EEPROM
Write
Protect
Outside
Specified AC/DC
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com