Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 30Page - Microchip Technology MCP4021 Datasheet HTML 31Page - Microchip Technology MCP4021 Datasheet HTML 32Page - Microchip Technology MCP4021 Datasheet HTML 33Page - Microchip Technology MCP4021 Datasheet HTML 34Page - Microchip Technology MCP4021 Datasheet HTML 35Page - Microchip Technology MCP4021 Datasheet HTML 36Page - Microchip Technology MCP4021 Datasheet HTML 37Page - Microchip Technology MCP4021 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
MCP4021/2/3/4
DS21945E-page 34
© 2006 Microchip Technology Inc.
5.2.5
WRITE WIPER SETTING TO
EEPROM
To write the current wiper setting to EEPROM, force
both the CS pin and U/D pin to VIH. Then force the CS
pin to VIL. Before there is a rising edge on the U/D pin,
force the CS pin to VIH. This causes the wiper setting
value to be written to EEPROM.
When the CS pin is forced to VIH, the wiper value is
written to the EEPROM. Therefore, if the device
voltage is lowered below the RAM retention voltage of
the device, once the device returns to the operating
range, the wiper will be loaded with this wiper setting
(stored in the EEPROM).
To ensure that “unexpected” transitions on the U/D pin
do not cause the wiper setting to increment, force the
CS pin to VIH as soon as possible (within device
specifications) after the U/D pin is forced to VIL.
After the CS pin is driven to VIH (from VIL), all other
serial commands are ignored until the EEPROM write
cycle (tWC) completes.
FIGURE 5-5:
Write Wiper Setting to EEPROM.
Note:
After the U/D pin is forced to VIL, each
rising edge on the U/D pin will cause the
wiper to increment.
This is the same command as the “Incre-
ment with Writing Wiper Setting to
EEPROM“ command, but the U/D pin is
held at VIL, so the wiper is not incre-
mented.
EEPROM
U/D
CS
Wiper
WiperLock™ Technology
WiperLock Technology Enable
WiperLock Technology Disable
X+4
X
X+4
VIH
VIH
VIH
5
6
VIL
VIL
tWC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com