Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 2 Page - Microchip Technology

  MCP4021 Datasheet HTML 1Page - Microchip Technology MCP4021 Datasheet HTML 2Page - Microchip Technology MCP4021 Datasheet HTML 3Page - Microchip Technology MCP4021 Datasheet HTML 4Page - Microchip Technology MCP4021 Datasheet HTML 5Page - Microchip Technology MCP4021 Datasheet HTML 6Page - Microchip Technology MCP4021 Datasheet HTML 7Page - Microchip Technology MCP4021 Datasheet HTML 8Page - Microchip Technology MCP4021 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
MCP4021/2/3/4
DS21945E-page 2
© 2006 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD............................................................................................................. 6.5V
CS and U/D inputs w.r.t VSS.................................... -0.3V to 12.5V
A, B and W terminals w.r.t VSS.................... -0.3V to VDD + 0.3V
Current at Input Pins ..................................................±10 mA
Current at Supply Pins ...............................................±10 mA
Current at Potentiometer Pins ...................................±2.5 mA
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-55°C to +125°C
ESD protection on all pins
........... ≥ 4kV (HBM), ≥ 400V (MM)
Maximum Junction Temperature (TJ)..........................+150°C
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
AC/DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all parameters apply across the specified operating ranges.
TA = -40°C to +125°C, 2.1 kΩ, 5kΩ, 10 kΩ and 50 kΩ devices. Typical specifications represent values for VDD = 5.5V, VSS = 0V,
TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Operating Voltage Range
VDD
2.7
5.5
V
CS Input Voltage
VCS
VSS
12.5
V
The CS pin will be at one of three
input levels (VIL, VIH or VIHH).
(Note 6)
Supply Current
IDD
45
µA
5.5V, CS = VSS, fU/D = 1 MHz
15
µA
2.7V, CS = VSS, fU/D = 1 MHz
0.3
1
µA
Serial Interface Inactive
(CS = VIH, U/D = VIH)
0.6
3
mA
EE Write cycle, TA = +25°C
Resistance
(± 20%)
RAB
1.68
2.1
2.52
k
Ω
-202 devices (Note 1)
4.0
5
6.0
k
Ω
-502 devices (Note 1)
8.0
10
12.0
k
Ω
-103 devices (Note 1)
40.0
50
60.0
k
Ω
-503 devices (Note 1)
Resolution
N
64
Taps
No Missing Codes
Step Resistance
RS
RAB / 63
Ω
Note 6
Note 1:
Resistance is defined as the resistance between terminal A to terminal B.
2:
INL and DNL are measured at VW with VA = VDD and VB = VSS. (-202 devices VA = 4V).
3:
MCP4021/23 only, test conditions are: IW = 1.9 mA, code = 00h.
4:
MCP4022/24 only, test conditions are:
5:
Resistor terminals A, W and B’s polarity with respect to each other is not restricted.
6:
This specification by design
7:
Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and temperature. See
Section 6.0 “Resistor” for additional information.
8:
The MCP4021 is externally connected to match the configurations of the MCP4022 and MCP4024, and then tested.
Device
Resistance
Current at Voltage
Comments
5.5V
2.7V
2.1 k
Ω
2.25 mA
1.1 mA
MCP4022 includes VWZSE
MCP4024 includes VWFSE
5k
Ω
1.4 mA
450 µA
10 k
Ω
450 µA
210 µA
50 k
Ω
90 µA
40 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com