Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 38Page - Microchip Technology MCP4021 Datasheet HTML 39Page - Microchip Technology MCP4021 Datasheet HTML 40Page - Microchip Technology MCP4021 Datasheet HTML 41Page - Microchip Technology MCP4021 Datasheet HTML 42Page - Microchip Technology MCP4021 Datasheet HTML 43Page - Microchip Technology MCP4021 Datasheet HTML 44Page - Microchip Technology MCP4021 Datasheet HTML 45Page - Microchip Technology MCP4021 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
MCP4021/2/3/4
DS21945E-page 42
© 2006 Microchip Technology Inc.
6.0
RESISTOR
Digital potentiometer applications can be divided into
two categories:
• Rheostat configuration
• Potentiometer (or voltage divider) configuration
Figure 6-1 shows a block diagram for the MCP402X
resistors.
FIGURE 6-1:
Resistor Block Diagram.
Step resistance (RS) is the resistance from one tap
setting to the next. This value will be dependent on the
RAB value that has been selected. Table 6-1 shows the
typical step resistances for each device.
The total resistance of the device has minimal variation
due to operating voltage (see Figure 2-6, Figure 2-17,
Figure 2-27 or Figure 2-37).
TABLE 6-1:
TYPICAL STEP RESISTANCES
Terminal A and B, as well as the wiper W, do not have
a polarity. These terminals can support both positive
and negative current.
RS
A
RS
RS
RS
B
N = 63
N = 62
N = 61
N = 1
N = 0
RW (1)
W
01h
Analog
Mux
RW (1)
00h
RW (1)
3Dh
RW (1)
3Eh
RW (1)
3Fh
Note 1: The wiper resistance is tap dependent.
That is, each tap selection resistance
has a small variation. This variation
effects the smaller resistance devices
(2.1 k
Ω) more.
Part Number
Typical Resistance (
Ω)
Total (RAB)
Step (RS)
MCP402X-203E
2100
33.33
MCP402X-503E
5000
79.37
MCP402X-104E
10000
158.73
MCP402X-504E
50000
793.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com