Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 29Page - Microchip Technology MCP4021 Datasheet HTML 30Page - Microchip Technology MCP4021 Datasheet HTML 31Page - Microchip Technology MCP4021 Datasheet HTML 32Page - Microchip Technology MCP4021 Datasheet HTML 33Page - Microchip Technology MCP4021 Datasheet HTML 34Page - Microchip Technology MCP4021 Datasheet HTML 35Page - Microchip Technology MCP4021 Datasheet HTML 36Page - Microchip Technology MCP4021 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
© 2006 Microchip Technology Inc.
DS21945E-page 33
MCP4021/2/3/4
5.2.4
DECREMENT WITH WRITING
WIPER SETTING TO EEPROM
This mode is achieved by initializing the U/D pin to a
low state (VIL) prior to achieving a low state (VIL) on the
CS pin. Subsequent rising edges of the U/D pin
decrement the wiper setting (toward terminal B). This is
shown in Figure 5-4.
After the wiper is decremented to the desired position,
the U/D pin should remain high (VIH). Then when the
CS pin is raised to VIH, the wiper value is written to the
EEPROM. Therefore, if the device voltage is lowered
below the RAM retention voltage of the device, once
the device returns to the operating range, the wiper will
be loaded with this wiper setting (stored in the
EEPROM).
To ensure that “unexpected” transitions on the U/D pin
do not cause the wiper setting to decrement, the U/D
pin should be driven low (VIL) and the CS pin forced to
VIH as soon as possible (within device specifications)
after the last desired increment occurs.
After the CS pin is driven to VIH (from VIL), all other
serial commands are ignored until the EEPROM write
cycle (tWC) completes.
FIGURE 5-4:
Decrement with Writing Wiper Setting to EEPROM.
Note:
The wiper value will not underflow. That is,
once the wiper value equals 0x00,
subsequent decrement commands are
ignored.
EEPROM
U/D
CS
Wiper
WiperLock™ Technology
WiperLock Technology Enable
WiperLock Technology Disable
X-1
X
X-2
X-3
X-4
X
XX
X
X
X-4
1
2
3
4
Note: If WiperLock technology enabled, wiper will not change.
VIH
VIH
5
6
VIL
VIL
tWC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com