Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 22Page - Microchip Technology MCP4021 Datasheet HTML 23Page - Microchip Technology MCP4021 Datasheet HTML 24Page - Microchip Technology MCP4021 Datasheet HTML 25Page - Microchip Technology MCP4021 Datasheet HTML 26Page - Microchip Technology MCP4021 Datasheet HTML 27Page - Microchip Technology MCP4021 Datasheet HTML 28Page - Microchip Technology MCP4021 Datasheet HTML 29Page - Microchip Technology MCP4021 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
MCP4021/2/3/4
DS21945E-page 26
© 2006 Microchip Technology Inc.
3.6
Chip Select (CS)
The CS pin is the chip select input. Forcing the CS pin
to VIL enables the serial commands. These commands
can increment and decrement the wiper. Depending on
the command, the wiper may (or may not) be saved to
non-volatile memeory (EEPROM). Forcing the CS pin
to VIHH enables the high-voltage serial commands.
These commands can increment and decrement the
wiper and enable or disable the WiperLock technology.
The wiper is saved to non-volatile memory (EEPROM).
The CS pin has an internal pull-up resistor. The resistor
will become “disabled” when the voltage on the CS pin
is below the VIH level. This means that when the CS pin
is “floating”, the CS pin will be pulled to the VIH level
(serial communication (the U/D pin) is ignored). And
when the CS pin is driven low (VIL), the resistance
becomes very large to reduce the device current
consumption when serial commands are occurring.
See Figure 2-4 for additional information.
3.7
Increment/Decrement (U/D)
The U/D pin input is used to increment or decrement
the wiper on the digital potentiometer. An increment
moves the wiper one step toward terminal A, while a
decrement moves the wiper one step toward
terminal B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com