Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4021 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP4021
Description  Low-Cost NV Digital POT with WiperLock??Technology
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4021 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP4021 Datasheet HTML 37Page - Microchip Technology MCP4021 Datasheet HTML 38Page - Microchip Technology MCP4021 Datasheet HTML 39Page - Microchip Technology MCP4021 Datasheet HTML 40Page - Microchip Technology MCP4021 Datasheet HTML 41Page - Microchip Technology MCP4021 Datasheet HTML 42Page - Microchip Technology MCP4021 Datasheet HTML 43Page - Microchip Technology MCP4021 Datasheet HTML 44Page - Microchip Technology MCP4021 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
© 2006 Microchip Technology Inc.
DS21945E-page 41
MCP4021/2/3/4
5.3
CS High Voltage
Depending on the requirements of the system, the use
of high voltage (VIHH) on the CS pin, may or may not be
required during system operation. Table 5-2 shows
possible system applications, and whether a high
voltage (VIHH) is required on the system.
The MCP402X supports six high-voltage commands
(the CS input voltage must meet the VIHH
specification).
TABLE 5-2:
HIGH-VOLTAGE
APPLICATIONS
5.3.1
TECHNIQUES TO FORCE THE CS
PIN TO VIHH
The circuit in Figure 5-12 shows a method using the
TC1240A doubling charge pump. When the SHDN pin
is high, the TC1240A is off, and the level on the CS pin
is controlled by the PIC® microcontrollers (MCUs) IO2
pin.
When the SHDN pin is low, the TC1240A is on and the
VOUT voltage is 2 * VDD. The resistor R1 allows the CS
pin to go higher than the voltage such that the PIC
MCU’s IO2 pin “clamps” at approximately VDD.
FIGURE 5-12:
Using the TC1240A to
generate the VIHH voltage.
The circuit in Figure 5-13 shows the method used on
the MCP402X Non-volatile Digital Potentiometer
Evaluation Board. This method requires that the
system voltage be approximately 5V. This ensures that
when the PIC10F206 enters a brown-out condition,
there is an insufficent voltage level on the CS pin to
change the stored value of the wiper. The MCP402X
Non-volatile Digital Potentiometer Evaluation Board
User’s Guide (DS51546) contains a complete
schematic.
GP0 is a general purpose I/O pin, while GP2 can either
be a general purpose I/O pin or it can output the internal
clock.
For the serial commands, configure the GP2 pin as an
input (high impedence). The output state of the GP0 pin
will determine the voltage on the CS pin (VIL or VIH).
For high-voltage serial commands, force the GP0
output pin to output a high level (VOH) and configure the
GP2 pin to output the internal clock. This will form a
charge pump and increase the voltage on the CS pin
(when the system voltage is approximately 5V).
FIGURE 5-13:
MCP402X Non-volatile
Digital Potentiometer Evaluation Board
(MCP402XEV) implementation to generate the
VIHH voltage.
System Operation
High
Voltage
Production calibration only - system
should not update wiper setting
From
Calibration
Unit
WiperLock™ Technogy disabled during
system operation
Not
Required
Wiper setting can be updated and
“locked” during system operation
Required
CS
PIC® MCU
MCP402X
R1
IO1
IO2
C2
TC1240A
VIN
SHDN
C+
C-
VOUT
C1
CS
PIC10F206
MCP402X
R1
GP0
GP2
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com