Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
Data Sheet
ADAU1761
CLOCKING AND SAMPLING RATES
analog.com
Rev. F | 24 of 92
Figure 30. Clock Tree Diagram
CORE CLOCK
Clocks for the converters, the serial ports, and the DSP are derived
from the core clock. The core clock can be derived directly from
MCLK or it can be generated by the PLL. The CLKSRC bit (Bit 3 in
Register R0, Address 0x4000) determines the clock source.
The INFREQ[1:0] bits should be set according to the expected input
clock rate selected by CLKSRC; this value also determines the core
clock rate and the base sampling frequency, fS.
For example, if the input to CLKSRC = 49.152 MHz (from PLL),
then
INFREQ[1:0] = 1024 × fS
fS = 49.152 MHz/1024 = 48 kHz
The PLL output clock rate is always 1024 × fS, and the clock
control register automatically sets the INFREQ[1:0] bits to 1024 ×
fS when using the PLL. When using a direct clock, the INFREQ[1:0]
frequency should be set according to the MCLK pin clock rate and
the desired base sampling frequency.
To utilize the maximum amount of DSP instructions, the core clock
should run at a rate of 1024 × fS.
Table 12. Clock Control Register (Register R0, Address 0x4000)
Bits
Bit Name
Settings
3
CLKSRC
0: Direct from MCLK pin (default) 1: PLL clock
[2:1]
INFREQ[1:0]
00: 256 × fS (default)01: 512 × fS10: 768 × fS11:
1024 × fS
0
COREN
0: Core clock disabled (default)1: Core clock
enabled
SAMPLING RATES
The ADCs, DACs, and serial port share a common sampling rate
that is set in Register R17 (Converter Control 0 register, Address
0x4017). The CONVSR[2:0] bits set the sampling rate as a ratio
of the base sampling frequency. The DSP sampling rate is set in
Register R57 (DSP sampling rate setting register, Address 0x40EB)
using the DSPSR[3:0] bits, and the serial port sampling rate is set
in Register R64 (serial port sampling rate register, Address 0x40F8)
using the SPSR[2:0] bits.
It is recommended that the sampling rates for the converters, serial
ports, and DSP be set to the same value, unless appropriate
compensation filtering is done within the DSP. Table 13 and Table
14 list the sampling rate divisions for common base sampling rates.
Table 13. 48 kHz Base Sampling Rate Divisions
Base Sampling
Frequency
Sampling Rate Scaling
Sampling Rate
fS = 48 kHz
fS/1
48 kHz
fS/6
8 kHz
fS/4
12 kHz
fS/3
16 kHz
fS/2
24 kHz
fS/1.5
32 kHz
fS/0.5
96 kHz
Table 14. 44.1 kHz Base Sampling Rate Divisions
Base Sampling
Frequency
Sampling Rate Scaling
Sampling Rate
fS = 44.1 kHz
fS/1
44.1 kHz
fS/6
7.35 kHz
fS/4
11.025 kHz
fS/3
14.7 kHz
fS/2
22.05 kHz
fS/1.5
29.4 kHz
fS/0.5
88.2 kHz
PLL
The PLL uses the MCLK as a reference to generate the core clock.
PLL settings are set in Register R1 (PLL control register, Address
0x4002). Depending on the MCLK frequency, the PLL must be set
for either integer or fractional mode. The PLL can accept input
frequencies in the range of 8 MHz to 27 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com