Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
Data Sheet
ADAU1761
GENERAL-PURPOSE INPUT/OUTPUT
analog.com
Rev. F | 48 of 92
The serial data input/output pins (Pin 26 to Pin 29) are shared with
the general-purpose input/output function. Each of these four pins
can be set to only one of these functions. The function of these pins
is set in the serial data/GPIO pin configuration register (Register
R60, Address 0x40F4).
The GPIOx pins can be used as inputs or outputs. These pins are
readable and can be set through the control port or directly by the
SigmaDSP core. When configured as inputs, the GPIOx pins can
be used with push-button switches or rotary encoders to control
DSP program settings. These pins can also be used with digital
outputs to drive LEDs or external logic to indicate the status of
internal signals and control other devices. Examples of this use
include indicating signal overload, signal present, and button press
confirmation.
When configured as an output, each GPIO pin can typically drive 2
mA, which is enough current to directly drive some high efficiency
LEDs. Standard LEDs require about 20 mA of current and can be
driven from a GPIO output with an external transistor or buffer.
Because of problems that can arise from simultaneously driving or
sinking a large amount of current on many pins, avoid connecting
high efficiency LEDs directly to many or all of the GPIO pins when
designing the application.
If many LEDs are required, use an external driver. When the GPIO
pins are configured as open-collector outputs, they should be pulled
up to a maximum voltage equal to the voltage set on IOVDD.
The configuration of the GPIO functions is set up in the GPIO pin
control registers (Register R48 to Register R51, Address 0x40C6 to
Address 0x40C9).
GPIO PINS SET FROM THE CONTROL PORT
The GPIO pins can also be configured to be directly controlled
from the I2C/SPI control port. When the pins are set to this mode,
four memory locations are enabled for the GPIO pin settings. The
physical settings on the GPIO pins mirror the settings of the LSB of
these 4-byte-wide memory locations.
Table 32. GPIOx Pin Memory Settings (Set from Control Port)
Memory Location
Bits[31:1]
Bit 0
Decimal
Hex
1568
0x0620
Reserved
GPIO0SET
1569
0x0621
Reserved
GPIO1SET
1570
0x0622
Reserved
GPIO2SET
1571
0x0623
Reserved
GPIO3SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com