Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
Data Sheet
ADAU1761
PLAYBACK SIGNAL PATH
analog.com
Rev. F | 34 of 92
common mode (AVDD/2), which is used as the virtual headphone
reference.
Figure 45. Capless Headphone Configuration Diagram
Table 19. Capless Headphone Register Settings
Register
Bit Name
Setting
R36
DACEN[1:0]
11 = both DACs on
R22
MX3EN
1 = enable Mixer 3
MX3LM
1 = unmute left DAC input
R24
MX4EN
1 = enable Mixer 4
MX4RM
1 = unmute right DAC input
R28
MX7EN
1 = enable Mixer 7
MX7[1:0]
00 = common-mode output
R33
MONOM
1 = unmute mono output
MOMODE
1 = headphone output
R29
LHPVOL[5:0]
Desired volume for LHP output
LHPM
1 = unmute left headphone output
R30
HPMODE
1 = headphone output
RHPVOL[5:0]
Desired volume for RHP output
RHPM
1 = unmute right headphone output
Headphone Output Power-Up/Power-Down
Sequencing
To prevent pops when turning on the headphone outputs, the user
must wait at least 4 ms to unmute these outputs after enabling
the headphone output with the HPMODE bit. This is because of
an internal capacitor that must charge before these outputs can be
used. Figure 46 and Figure 47 illustrate the headphone power-up/
power-down sequencing.
For capless headphones, configure the MONOOUT pin before
unmuting the headphone outputs.
Figure 46. Headphone Output Power-Up Timing
Figure 47. Headphone Output Power-Down Timing
Ground-Centered Headphone Configuration
The headphone outputs can also be configured as ground-centered
outputs by placing coupling capacitors on the LHP and RHP pins.
Ground-centered headphones should use the AGND pin as the
ground reference.
When the headphone outputs are configured in this manner, the
capacitors create a high-pass filter on the outputs. The corner
frequency of this filter, at which point its attenuation is 3 dB, is
calculated by the following formula:
f3dB = 1/(2π × R × C)
(1)
where:
C is the capacitor value.
R is the impedance of the headphones.
For a typical headphone impedance of 16 Ω and a 47 μF capacitor,
the corner frequency is 211 Hz.
Jack Detection
When the JACKDET/MICIN pin is set to the jack detect function,
a flag on this pin can be used to mute the line outputs when
headphones are plugged into the jack. This pin can be configured
in Register R2 (digital microphone/jack detection control register,
Address 0x4008). The JDFUNC[1:0] bits set the functionality of the
JACKDET/MICIN pin.
Additional settings for jack detection include debounce time
(JDDB[1:0] bits) and detection polarity (JDPOL bit). Because the
jack detection and digital microphone share a pin, both functions
cannot be used simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com