Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
Data Sheet
ADAU1761
RECORD SIGNAL PATH
analog.com
Rev. F | 27 of 92
Figure 32. Record Signal Path
INPUT SIGNAL PATHS
The ADAU1761 can accept both line level and microphone inputs.
The analog inputs can be configured in a single-ended or differen-
tial configuration. There is also an input for a digital microphone.
The analog inputs are biased at AVDD/2. Unused input pins should
be connected to CM.
Each of the six analog inputs has individual gain controls (boost or
cut). The input signals are mixed and routed to an ADC. The mixed
input signals can also bypass the ADCs and be routed directly
to the playback mixers. Left channel inputs are mixed before the
left ADC; however, it is possible to route the mixed analog signal
around the ADC and output it into a left or right output channel. The
same capabilities apply to the right channel and the right ADC.
Signals are inverted through the PGAs and the mixers. The result
of this inversion is that differential signals input through the PGA
are output from the ADCs at the same polarity as they are input.
Single-ended inputs that pass through the mixer but not through the
PGA are inverted. The ADCs are noninverting.
The input impedance of the analog inputs varies with the gain of
the PGA. This impedance ranges from 1.7 kΩ at the 35.25 dB gain
setting to 80.4 kΩ at the −12 dB setting. This range is shown in
Figure 25.
Analog Microphone Inputs
For microphone inputs, configure the part in either stereo pseudo-
differential mode or stereo full differential mode.
The LINN and LINP pins are the inverting and noninverting inputs
for the left channel, respectively. The RINN and RINP pins are the
inverting and noninverting inputs for the right channel, respectively.
For a differential microphone input, connect the positive signal to
the noninverting input of the PGA and the negative signal to the in-
verting input of the PGA, as shown in Figure 33. The PGA settings
are controlled with Register R8 (left differential input volume control
register, Address 0x400E) and Register R9 (right differential input
volume control register, Address 0x400F). The PGA must first be
enabled by setting the RDEN and LDEN bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com