Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
Data Sheet
ADAU1761
PROGRAM RAM, PARAMETER RAM, AND DATA RAM
analog.com
Rev. F | 45 of 92
Table 26. RAM Map and Read/Write Modes
Memory
Size
Address Range
Read
Write
Write Modes
Parameter RAM
1024 × 32
0 to 1023 (0x0000 to 0x03FF)
Yes
Yes
Direct, safeload
Program RAM
1024 × 40
2048 to 3071 (0x0800 to 0x0BFF)
Yes
Yes
Direct
Table 26 shows the RAM map (the ADAU1761 register map is
provided in the Control Registers section). The address space en-
compasses a set of registers and three RAMs: program, parameter,
and data. The program RAM and parameter RAM are not initialized
on power-up and are in an unknown state until written to.
PROGRAM RAM
The program RAM contains the 40-bit operation codes that are exe-
cuted by the core. The SigmaStudio compiler calculates maximum
instructions per frame for a project and generates an error when the
value exceeds the maximum allowable instructions per frame based
on the sample rate of the signals in the core.
Because the end of a program contains a jump-to-start command,
the unused program RAM space does not need to be filled with
no-operation (NOP) commands.
PARAMETER RAM
The parameter RAM is 32 bits wide and occupies Address 0 to
Address 1023. Each parameter is padded with four 0s before the
MSB to extend the 28-bit word to a full 4-byte width. The data
format of the parameter RAM is twos complement, 5.23. This
means that the coefficients can range from +16.0 (minus 1 LSB)
to −16.0, with 1.0 represented by the binary word 0000 1000 0000
0000 0000 0000 0000 or by the hexadecimal word 0x00 0x80 0x00
0x00.
The parameter RAM can be written to directly or with a safe-load
write. The direct write mode of operation is typically used during a
complete new loading of the RAM using burst mode addressing to
avoid any clicks or pops in the outputs. Note that this mode can
be used during live program execution, but because there is no
handshaking between the core and the control port, the parameter
RAM is unavailable to the DSP core during control writes, resulting
in pops and clicks in the audio stream.
SigmaStudio automatically assigns the first eight positions to safe-
load parameters; therefore, project-specific parameters start at Ad-
dress 0x0008.
The parameter RAM should not be written to until the DSPEN bit
has been set in Register R61 (Address 0x40F5).
DATA RAM
The ADAU1761 data RAM is used to store audio data-words for
processing, as well as certain run-time parameters. SigmaStudio
provides the data and address information for writing to and reading
from the data RAM.
When implementing blocks, such as delays, that require large
amounts of data RAM space, data RAM utilization should be taken
into account. The SigmaDSP core processes delay times in one-
sample increments; therefore, the total pool of delay available to the
user equals 4096 multiplied by the sample period. For a fS,DSP of
48 kHz, the pool of available delay is a maximum of about 86 ms,
where fS,DSP is the DSP core sampling rate. In practice, this much
data memory is not available to the user because every block in a
design uses a few data memory locations for its processing. In most
DSP programs, this does not significantly affect the total delay time.
The SigmaStudio compiler manages the data RAM and indicates
whether the number of addresses needed in the design exceeds
the maximum number available.
READ/WRITE DATA FORMATS
The read/write formats of the control port are designed to be byte
oriented to allow for easy programming of common micro-controller
chips. To fit into a byte-oriented format, 0s are added to the data
fields before the MSB to extend the data-word to eight bits. For
example, 28-bit words written to the parameter RAM are preceded
by four leading 0s to equal 32 bits (four bytes); 40-bit words
written to the program RAM are not preceded by 0s because they
are already a full five bytes. These zero-padded data fields are
appended to a 3-byte field consisting of a 7-bit chip address, a
read/write bit, and a 16-bit RAM/register address. The control port
knows how many data bytes to expect based on the address given
in the first three bytes.
The total number of bytes for a single-location write command can
vary from one byte (for a control register write) to five bytes (for
a program RAM write). Burst mode can be used to fill contiguous
register or RAM locations. A burst mode write begins by writing
the address and data of the first RAM or register location to be
written. Rather than ending the control port transaction (by issuing
a stop command in I2C mode or by bringing the CLATCH signal
high in SPI mode after the data-word), as would be done in a
single-address write, the next data-word can be written immediately
without specifying its address. The ADAU1761 control port auto-
increments the address of each write even across the boundaries
of the different RAMs and registers. Table 28 and Table 30 show
examples of burst mode writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com