Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 77 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 74Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 79Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 80Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
Data Sheet
ADAU1761
CONTROL REGISTERS
analog.com
Rev. F | 77 of 92
port control mode, the pins are set through writes to memory locations described in Table 32. The value of the optional internal pull-up is
nominally 250 kΩ.
The output CRC error and output watchdog error settings are sticky, that is, once set, they remain set until the ADAU1761 is reset.
Table 124.
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x40C6
Reserved
GPIO0[3:0]
0x40C7
Reserved
GPIO1[3:0]
0x40C8
Reserved
GPIO2[3:0]
0x40C9
Reserved
GPIO3[3:0]
Table 125. GPIO Pin Functionality Bit Settings
GPIOx[3:0] Bits
GPIO Pin Function
0000
Input without debounce (default)
0001
Input with debounce (0.3 ms)
0010
Input with debounce (0.6 ms)
0011
Input with debounce (0.9 ms)
0100
Input with debounce (5 ms)
0101
Input with debounce (10 ms)
0110
Input with debounce (20 ms)
0111
Input with debounce (40 ms)
1000
Input controlled by I2C/SPI port
1001
Output set by I2C/SPI port, with pull-up
1010
Output set by I2C/SPI port, no pull-up
1011
Output set by DSP core, with pull-up
1100
Output set by DSP core, no pull-up
1101
Reserved
1110
Output CRC error (sticky)
1111
Output watchdog error (sticky)
Table 126. GPIO Pin Control Registers
Register
Address
Bit Name
Description
Decimal
Hex
R48
16,582
0x40C6
GPIO0[3:0]
GPIO 0 pin function (see Table 125)
R49
16,583
0x40C7
GPIO1[3:0]
GPIO 1 pin function (see Table 125)
R50
16,584
0x40C8
GPIO2[3:0]
GPIO 2 pin function (see Table 125)
R51
16,585
0x40C9
GPIO3[3:0]
GPIO 3 pin function (see Table 125)
R52 to R56: Watchdog Registers, 16,592 to 16,596 (0x40D0 to 0x40D4)
A program counter watchdog is used when the core does block processing (which can span several samples). The watchdog flags an error if
the program counter reaches a specific 24-bit value (ranging from 0x000000 to 0xFFFFFF) that is set in the register map. This value consists of
three consecutive 8-bit register locations. The error flag sends a high signal to one of the GPIO pins. The watchdog function must be enabled
by setting the DOGEN bit high in Register R52 (Address 0x40D0).
The watchdog error bit (DOGER) is the 1-bit watchdog error flag that can be sent to a GPIO pin, as described in Table 125. This error flag can
connect, for example, to an interrupt pin on a microcontroller in the system. The flag is reset when the DOGEN bit goes low. This flag can also
be read back over the control port from Register R56 (Address 0x40D4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com