Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
Data Sheet
ADAU1761
PROGRAM RAM, PARAMETER RAM, AND DATA RAM
analog.com
Rev. F | 46 of 92
Table 27. Parameter RAM Read/Write Format (Single Address)
Byte 0
Byte 1
Byte 2
Byte 3
Bytes[4:6]
chip_adr[6:0], R/W
param_adr[15:8]
param_adr[7:0]
0000, param[27:24]
param[23:0]
Table 28. Parameter RAM Block Read/Write Format (Burst Mode)
Byte 0
Byte 1
Byte 2
Byte 3
Bytes[4:6]
Bytes[7:10]
Bytes[11:14]
chip_adr[6:0], R/W
param_adr[15:8]
param_adr[7:0]
0000, param[27:24]
param[23:0]
<—param_adr—>
param_adr + 1
param_adr + 2
Table 29. Program RAM Read/Write Format (Single Address)
Byte 0
Byte 1
Byte 2
Bytes[3:7]
chip_adr[6:0], R/W
prog_adr[15:8]
prog_adr[7:0]
prog[39:0]
Table 30. Program RAM Block Read/Write Format (Burst Mode)
Byte 0
Byte 1
Byte 2
Bytes[3:7]
Bytes[8:12]
Bytes[13:17]
chip_adr[6:0], R/W
prog_adr[15:8]
prog_adr[7:0]
prog[39:0]
<—prog_adr—>
prog_adr + 1
prog_adr + 2
SOFTWARE SAFELOAD
To update parameters in real time while avoiding pop and click
noises on the output, the ADAU1761 uses a software safeload
mechanism. The software safeload mechanism enables the Sig-
maDSP core to load new parameters into RAM while guaranteeing
that the parameters are not in use. This prevents an undesirable
condition where an instruction could execute with a mix of old and
new parameters.
SigmaStudio sets up the necessary code and parameters automati-
cally for new projects. The safeload code, along with other initializa-
tion code, fills the first 39 locations in program RAM. The first eight
parameter RAM locations (Address 0x0000 to Address 0x0007) are
configured by default in SigmaStudio as described in Table 31.
Table 31. Software Safeload Parameter RAM Defaults
Address (Hex)
Function
0x0000
Modulo RAM size
0x0001
Safeload Data 1
0x0002
Safeload Data 2
0x0003
Safeload Data 3
0x0004
Safeload Data 4
0x0005
Safeload Data 5
0x0006
Safeload target address (offset of −1)
0x0007
Number of words to write/safeload trigger
Address 0x0000, which controls the modulo RAM size, is set by
SigmaStudio and is based on the dynamic address generator mode
of the project.
Parameter RAM Address 0x0001 to Address 0x0005 are the five
data slots for storing the data to be safeloaded. The safeload
parameter space contains five data slots by default because most
standard signal processing algorithms have five parameters or less.
Address 0x0006 is the target address in parameter RAM (with an
offset of −1). This designates the first address to be written. If more
than one word is written, the address increments automatically for
each data-word. Up to five sequential parameter RAM locations
can be updated with safeload during each audio frame. The target
address offset of −1 is used because the write address is calculated
relative to the address of the data, which starts at Address 0x0001.
Therefore, to update a parameter at Address 0x000A, the target
address is 0x0009.
Address 0x0007 designates the number of words to be written into
the parameter RAM during the safeload. A biquad filter uses all five
safeload data addresses. A simple mono gain cell uses only one
safeload data address. Writing to Address 0x0007 also triggers the
safeload write to occur in the next audio frame.
The safeload mechanism is software based and executes once per
audio frame. Therefore, system designers must take care when
designing the communication protocol. A delay equal to or greater
than the sampling period (the inverse of sampling frequency) is
required between each safeload write. A sample rate of 48 kHz
equates to a delay of at least 21 μs. If this delay is not observed,
the downloaded data is corrupted.
SOFTWARE SLEW
When the values of signal processing parameters are changed
abruptly in real time, they sometimes cause pop and click sounds
to appear on the audio outputs. To avoid pops and clicks, some
algorithms in SigmaStudio implement a software slew functionality.
Algorithms using software slew set a target value for a parameter
and continuously update the value of that parameter until it reaches
the target.
The target value takes an additional space in parameter RAM, and
the current value of the parameter is updated in the non-modulo
section of data RAM. Assignment of parameters and nonmodulo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com