Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 79 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 79 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 75Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 76Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 77Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 78Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 79Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 80Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 81Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 82Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
Data Sheet
ADAU1761
CONTROL REGISTERS
analog.com
Rev. F | 79 of 92
R58: Serial Input Route Control, 16,626 (0x40F2)
Table 131.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
SINRT[3:0]
Table 132. Serial Input Route Control Register
Bits
Bit Name
Description
[3:0]
SINRT[3:0]
Serial data input routing. This register sets the input where the DACs receive serial data. This location can be from the DSP or from any
TDM slot on the serial port.
Setting
Routing
0000
DSP to DACs [L, R] (default)
0001
Serial input [L0, R0] to DACs [L, R]
0010
Reserved
0011
Serial input [L1, R1] to DACs [L, R]
0100
Reserved
0101
Serial input [L2, R2] to DACs [L, R]
0110
Reserved
0111
Serial input [L3, R3] to DACs [L, R]
1000
Reserved
1001
Serial input [R0, L0] to DACs [L, R]
1010
Reserved
1011
Serial input [R1, L1] to DACs [L, R]
1100
Reserved
1101
Serial input [R2, L2] to DACs [L, R]
1110
Reserved
1111
Serial input [R3, L3] to DACs [L, R]
R59: Serial Output Route Control, 16,627 (0x40F3)
Table 133.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
SOUTRT[3:0]
Table 134. Serial Output Route Control Register
Bits
Bit Name
Description
[3:0]
SOUTRT[3:0]
Serial data output routing. This register sets the output where the ADCs send serial data. This location can be to the DSP or to any TDM
slot on the serial port.
Setting
Routing
0000
ADCs [L, R] to DSP (default)
0001
ADCs [L, R] to serial output [L0, R0]
0010
Reserved
0011
ADCs [L, R] to serial output [L1, R1]
0100
Reserved
0101
ADCs [L, R] to serial output [L2, R2]
0110
Reserved
0111
ADCs [L, R] to serial output [L3, R3]
1000
Reserved
1001
ADCs [L, R] to serial output [R0, L0]
1010
Reserved
1011
ADCs [L, R] to serial output [R1, L1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com