Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
Data Sheet
ADAU1761
STARTUP, INITIALIZATION, AND POWER
analog.com
Rev. F | 22 of 92
This section describes the procedure for properly starting up the
ADAU1761. The following sequence provides a high level approach
to the proper initiation of the system.
1. Apply power to the ADAU1761.
2. Lock the PLL to the input clock (if using the PLL).
3. Enable the core clock.
4. Load the register settings.
See the Startup section for more information about the proper
start-up sequence.
POWER-UP SEQUENCE
The ADAU1761 uses a power-on reset (POR) circuit to reset the
registers upon power-up. The POR monitors the DVDDOUT pin
and generates a reset signal whenever power is applied to the
chip. During the reset, the ADAU1761 is set to the default values
documented in the register map (see the Control Registers section).
Typically, with a 10 μF capacitor on AVDD, the POR takes approxi-
mately 14 ms.
Figure 29. Power-On Reset Sequence
The PLL lock time is dependent on the MCLK rate. Typical lock
times are provided in Table 11. The DSP can be enabled immedi-
ately after the PLL is locked.
Table 11. PLL Lock Times
PLL Mode
MCLK Frequency
Lock Time (Typical)
Fractional
8 MHz
3.5 ms
Fractional
12 MHz
3.0 ms
Integer
12.288 MHz
2.96 ms
Fractional
13 MHz
2.4 ms
Fractional
14.4 MHz
2.4 ms
Fractional
19.2 MHz
2.98 ms
Fractional
19.68 MHz
2.98 ms
Fractional
19.8 MHz
2.98 ms
Fractional
24 MHz
2.95 ms
Integer
24.576 MHz
2.96 ms
Fractional
26 MHz
2.4 ms
Fractional
27 MHz
2.4 ms
POWER REDUCTION MODES
Sections of the ADAU1761 chip can be turned on and off as
needed to reduce power consumption. These include the ADCs, the
DACs, the PLL, and the DSP core.
In addition, the control registers can be used to configure some
functions for power saving, normal, or enhanced performance oper-
ation. See the Control Registers section for more information.
The digital filters of the ADCs and DACs can each be set to over-
sampling ratios of 64× or 128× (default). Setting the oversampling
ratios to 64× for these filters lowers power consumption with a
minimal impact on performance. See the Digital Filters section for
specifications; see the Typical Performance Characteristics section
for graphs of these filters.
DIGITAL POWER SUPPLY
The digital power supply for the ADAU1761 is generated from an
internal regulator. This regulator generates a 1.5 V supply internally.
The only external connection to this regulator is the DVDDOUT
bypassing point. A 100 nF capacitor and a 10 μF capacitor should
be connected between this pin and DGND.
INPUT/OUTPUT POWER SUPPLY
The power for the digital output pins is supplied from IOVDD, and
this pin also sets the highest input voltage that should be seen on
the digital input pins. IOVDD should be set between 1.8 V and 3.3
V; no digital input signal should be at a voltage level higher than
the one on IOVDD. The current draw of this pin is variable because
it depends on the loads of the digital outputs. IOVDD should be
decoupled to DGND with a 100 nF capacitor and a 10 μF capacitor.
CLOCK GENERATION AND MANAGEMENT
The ADAU1761 uses a flexible clocking scheme that enables the
use of many different input clock rates. The PLL can be bypassed
or used, resulting in two different approaches to clock management.
For more information about clocking schemes, PLL configuration,
and sampling rates, see the Clocking and Sampling Rates section.
Case 1: PLL Is Bypassed
If the PLL is bypassed, the core clock is derived directly from the
MCLK input. The rate of this clock must be set properly in Register
R0 (clock control register, Address 0x4000) using the INFREQ[1:0]
bits. When the PLL is bypassed, supported external clock rates
are 256 × fS, 512 × fS, 768 × fS, and 1024 × fS, where fS is
the base sampling rate. The core clock of the chip is off until the
core clock enable bit (COREN) is asserted. If a clock slower than
1024 × fS is directly input to the ADAU1761 (bypassing the PLL),
the number of available SigmaDSP processing cycles is reduced
and the DSPSR bits in Register R57 (Address 0x40EB) should be
adjusted accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com