Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
Data Sheet
ADAU1761
THEORY OF OPERATION
analog.com
Rev. F | 21 of 92
The ADAU1761 is a low power audio codec with an integrated
stream-oriented DSP core, making it an all-in-one package that
offers high quality audio, low power, small size, and many advanced
features. The stereo ADC and stereo DAC each have an SNR of at
least +98 dB and a THD + N of at least −90 dB. The serial data port
is compatible with I2S, left-justified, right-justified, and TDM modes
for interfacing to digital audio data. The operating voltage range is
1.8 V to 3.65 V, with an on-board regulator generating the internal
digital supply voltage.
The record signal path includes very flexible input configurations
that can accept differential and single-ended analog microphone
inputs as well as a digital microphone input. A microphone bias
pin provides seamless interfacing to electret microphones. Input
configurations can accept up to six single-ended analog signals or
variations of stereo differential or stereo single-ended signals with
two additional auxiliary single-ended inputs. Each input signal has
its own programmable gain amplifier (PGA) for volume adjustment
and can be routed directly to the playback path output mixers,
bypassing the ADCs. An automatic level control (ALC) can also be
implemented to keep the recording volume constant.
The ADCs and DACs are high quality, 24-bit Σ-Δ converters that
operate at selectable 64× or 128× oversampling ratios. The base
sampling rate of the converters is set by the input clock rate and
can be further scaled with the converter control register settings.
The converters can operate at sampling frequencies from 8 kHz
to 96 kHz. The ADCs and DACs also include very fine-step digital
volume controls.
The playback path allows input signals and DAC outputs to be
mixed into various output configurations. Headphone drivers are
available for a stereo headphone output, and the other output pins
are capable of differentially driving an earpiece speaker. Capless
headphone outputs are possible with the use of the mono output
as a virtual ground connection. The stereo line outputs can be used
as either single-ended or differential outputs and as an optional
mix-down mono output.
The DSP core introduces many features that make this codec
unique and optimized for audio processing. The program and pa-
rameter RAMs can be loaded with custom audio processing signal
flow built using the SigmaStudio graphical programming software
from Analog Devices, Inc. The values stored in the parameter RAM
control individual signal processing blocks, such as equalization
filters, dynamics processors, audio delays, and mixer levels.
The SigmaStudio software is used to program and control the Sig-
maDSP through the control port. Along with designing and tuning
a signal flow, the tools can be used to configure all of the DSP
registers. The SigmaStudio graphical interface allows anyone with
digital or analog audio processing knowledge to easily design DSP
signal flow and port it to a target application. At the same time, it
provides enough flexibility and programmability for an experienced
DSP programmer to have in-depth control of the design. In SigmaS-
tudio, the user can connect graphical blocks (such as biquad filters,
dynamics processors, mixers, and delays), compile the design, and
load the program and parameter files into the ADAU1761 memory
through the control port. Signal processing blocks available in the
provided libraries include the following:
►
Enhanced stereo capture
►
Single- and double-precision biquad filters
►
FIR filters
►
Dynamics processors with peak or rms detection for mono and
multichannel dynamics
►
Mixers and splitters
►
Tone and noise generators
►
Fixed and variable gain
►
Loudness
►
Delay
►
Stereo enhancement
►
Dynamic bass boost
►
Noise and tone sources
►
Level detectors
Additional processing blocks are always being developed. Analog
Devices also provides proprietary and third-party algorithms for
applications such as matrix decoding, bass enhancement, and
surround virtualizers. Contact Analog Devices (www.analog.com)
for information about licensing these algorithms.
The ADAU1761 can generate its internal clocks from a wide range
of input clocks by using the on-board fractional PLL. The PLL
accepts inputs from 8 MHz to 27 MHz.
The ADAU1761 is provided in a small, 32-lead, 5 mm × 5 mm
LFCSP with an exposed bottom pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com