Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
Data Sheet
ADAU1761
RECORD SIGNAL PATH
analog.com
Rev. F | 28 of 92
Figure 33. Stereo Differential Microphone Configuration
The PGA can also be used for single-ended microphone inputs.
Connect LINP and/or RINP to the CM pin. In this configuration,
the signal connects to the inverting input of the PGA, LINN and/or
RINN, as shown in Figure 34.
Figure 34. Stereo Single-Ended Microphone Configuration
Analog Line Inputs
Line input signals can be accepted by any analog input. It is possi-
ble to route signals on the RINN, RINP, LINN, and LINP pins around
the differential amplifier to their own amplifier and to use these pins
as single-ended line inputs by disabling the LDEN and RDEN bits
(Bit 0 in Register R8, Address 0x400E, and Bit 0 in Register R9,
Address 0x400F). Figure 35 depicts a stereo single-ended line input
using the RINN and LINN pins.
The LAUX and RAUX pins are single-ended line inputs. They can
be used together as a stereo single-ended auxiliary input, as shown
in Figure 35. These inputs can bypass the input gain control,
mixers, and ADCs to directly connect to the output playback mixers
(see auxiliary bypass in Figure 32).
Figure 35. Stereo Single-Ended Line Input with Stereo Auxiliary Bypass
Digital Microphone Input
When using a digital microphone connected to the JACKDET/
MICIN pin, the JDFUNC[1:0] bits in Register R2 (Address 0x4008)
must be set to 10 to enable the microphone input and disable
the jack detection function. The ADAU1761 must operate in main
mode and source BCLK to the input clock of the digital microphone.
The DSPRUN bit must also be asserted in Register R62 (DSP run
register, Address 0x40F6) for digital microphone operation.
The digital microphone signal bypasses record path mixers and
ADCs and is routed directly into the decimation filters. The digital
microphone and ADCs share decimation filters and, therefore, both
cannot be used simultaneously. The digital microphone input select
bit, INSEL, can be set in Register R19 (ADC control register,
Address 0x4019). Figure 36 depicts the digital microphone interface
and signal routing.
Figure 36. Digital Microphone Interface Block Diagram
Microphone Bias
The MICBIAS pin provides a voltage reference for electret analog
microphones. The MICBIAS voltage is set in Register R10 (record
microphone bias control register, Address 0x4010). In this register,
the MICBIAS output can be enabled or disabled. Additional options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com