Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
Data Sheet
ADA4530-1
APPLICATIONS INFORMATION
analog.com
Rev. C | 31 of 52
Figure 102. Phase Margin vs. Load Capacitance with Various Output Isolating
Resistors
Figure 103. Frequency Response with CL = 1 nF and Various Isolating
Resistors
EMI REJECTION RATIO
Circuit performance is often adversely affected by high frequency
electromagnetic interference (EMI). When the signal strength is low
and transmission lines are long, an op amp must accurately amplify
the input signals. However, all op amp pins—the noninverting input,
inverting input, positive supply, negative supply, and output pins—
are susceptible to EMI signals. These high frequency signals are
coupled into an op amp by various means, such as conduction,
near field radiation, or far field radiation. For example, wires and
PCB traces can act as antennas and pick up high frequency EMI
signals.
Amplifiers do not amplify EMI or RF signals due to their relatively
low bandwidth. However, due to the nonlinearities of the input
devices, op amps can rectify these out of band signals. When these
high frequency signals are rectified, they appear as a dc offset at
the output.
To describe the ability of the ADA4530-1 to perform as intended in
the presence of electromagnetic energy, the electromagnetic inter-
ference rejection ratio (EMIRR) of the noninverting pin is specified
in Table 1, Table 2, and Table 3 of the Specifications section. A
mathematical method of measuring EMIRR is defined as follows:
EMIRR = 20log(VIN_PEAK/ΔVOS)
(1)
where VIN_PEAK is the peak amplitude of the input voltage.
Figure 104 shows the typical EMIRR vs. frequency performance for
each of the specified supply voltages.
Figure 104. EMIRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com