Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Data Sheet
ADA4530-1
CURRENT NOISE CONSIDERATIONS
analog.com
Rev. C | 40 of 52
Reconsider the example amplifier with 2 fA/√Hz of current noise.
The required RF value of 10 GΩ also limits the measurement
bandwidth to 159 Hz according to Table 9.
It is useful to construct a table that combines the resistor noise
and measurement bandwidth guidelines. Table 10 shows the ap-
proximate bandwidth limitations for a variety of input current noise
measurements.
Table 10. Measurement Current Noise Density vs. Bandwidth
Current Noise Density
Bandwidth
128 aA/√Hz
1.59 Hz
1.28 fA/√Hz
159 Hz
12.8 fA/√Hz
15.9 kHz
128 fA/√Hz
1.59 MHz
Table 10 demonstrates the error of the often claimed 0.1 fA/√Hz
at 10 kHz presented in the specifications of low input bias current
amplifiers. Measuring this value requires a 1 TΩ resistor with less
than 15.9 aF (15.9 × 10−18 F) of stray capacitance, which is
impossible.
These kinds of claims are simply shot noise calculations based on
the specified input bias currents of a few tens of femtoamperes.
Calculate the shot noise of a semiconductor as follows:
Shot Noise = √(2qIB)
(14)
where:
q is the charge on an electron.
IB is the current flowing through a junction.
Shot noise calculations are appropriate only for some legacy
JFET-based electrometer amplifiers, where only a single junction
is connected to the amplifier input pins. Modern high impedance
amplifiers have several semiconductor junctions connected to the
amplifier input pins. The most significant of these junctions are the
ESD diode structures. The input bias currents are equal to the sum
of these diode currents. The diode currents are designed to cancel
each other, but the shot noise currents are uncorrelated and cannot
cancel, which makes calculating the shot noise from the input bias
current impossible.
Even when appropriate, these shot noise calculations neglect all
capacitive coupling effects so that they are valid only at very low
frequencies. The gate to source capacitance of the input transistors
couples noise currents from sources other than the input junctions
for frequencies above a few tens of hertz. This blowback noise
effect is present in all amplifiers, and it ensures that the current
NSD always increases as frequency increases.
The complex relationship between current noise, feedback resist-
ance, and bandwidth means that the correct way to characterize
the current noise of an electrometer amplifier is by measuring the
output NSD with a variety of feedback resistors that cover the entire
span of values used in the end applications. Each feedback resistor
establishes a boundary for the minimum measurable current noise
over a range of frequencies.
It is critically important to use high quality resistors during this
measurement. Many high valued resistors designed for high voltage
operation are nonlinear at low voltage levels and are not suitable
for electrometer work. Inferior resistors can also have their own
1/f noise that corrupts the measurement results. Table 11 lists the
resistors used for the characterization of the ADA4530-1.
Table 11. Test Resistor Device Numbers
Resistor Value
Manufacturer
Device Number
100 MΩ
Vishay
RNX050100MDHLB
1 GΩ
Ohmite
RX-1M1007GE
10 GΩ
Ohmite
RX-1M1008JE
100 GΩ
Ohmite
RX-1M1009FE
1 TΩ
Ohmite
RX-1M100AKE
Figure 117 shows the output referred voltage NSD (VNRTO) of the
transimpedance test circuit for the test resistors listed in Table 11.
The calculated thermal noise for each resistor is represented with
the dashed line. The black dashed line represents the 1/f voltage
noise of the amplifier.
Figure 117. Transimpedance NSD Referred to Output
VNRTO is dominated by the resistor noise for all of the test resistors
up 1 TΩ. This means that the current noise contribution from the
ADA4530-1 is insignificant relative to the thermal noise of these
resistors.
It is possible to calculate the current noise of the ADA4530-1 with
the 1 TΩ resistor. This result is shown in Figure 118. It is impossible
to calculate the amplifier current noise for all of the other resistors,
because, at those resistor values, the resistor noise is much greater
than the amplifier current noise. The current noise densities of each
of the test resistors are plotted as dashed lines in Figure 118. The
current noise of the ADA4530-1 is below the resistor noise values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com